Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000ACPZ Datasheet(PDF) 67 Page - Analog Devices

Part # ADE9000ACPZ
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000ACPZ Datasheet(HTML) 67 Page - Analog Devices

Back Button ADE9000ACPZ Datasheet HTML 63Page - Analog Devices ADE9000ACPZ Datasheet HTML 64Page - Analog Devices ADE9000ACPZ Datasheet HTML 65Page - Analog Devices ADE9000ACPZ Datasheet HTML 66Page - Analog Devices ADE9000ACPZ Datasheet HTML 67Page - Analog Devices ADE9000ACPZ Datasheet HTML 68Page - Analog Devices ADE9000ACPZ Datasheet HTML 69Page - Analog Devices ADE9000ACPZ Datasheet HTML 70Page - Analog Devices ADE9000ACPZ Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 73 page
background image
ADE9000
Data Sheet
Rev. A | Page 66 of 72
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
[6:4]
VCONSEL
3-wire and 4-wire hardware configuration
selection.
0x0
R/W
000 4-wire wye.
001 3-wire delta. VB' = VA − VC.
010 4-wire wye, nonBlondel compliant. VB' = −VA − VC.
011 4-wire delta, nonBlondel compliant. VB' = −VA.
100 3-wire delta. VA' = VA − VB; VB' = VA − VC; VC' =
VC − VB.
[3:2]
VARACC
Total and fundamental reactive power accumula-
tion mode for energy registers and CFx pulses.
0x0
R/W
00 Signed accumulation mode.
01 Absolute value accumulation mode.
10 Positive accumulation mode.
11 Negative accumulation mode.
[1:0]
WATTACC
Total and fundamental active power accumulation
mode for energy registers and CFx pulses. See
VARACC.
0x0
R/W
0x493 CONFIG3
[15:12] OC_EN
Overcurrent detection enable. OC_EN[3:0] bits
can all be set to 1 simultaneously to allow
overcurrent detection on all three phases and/or
neutral simultaneously.
0xF
R/W
Bit 12. When OC_EN[3] is set to 1, Phase A is
selected for the overcurrent detection.
Bit 13. When OC_EN[2] is set to 1, Phase B is
selected for the overcurrent detection.
Bit 14. When OC_EN[1] is set to 1, Phase C is
selected for the overcurrent detection.
Bit 15. When OC_EN[0] is set to 1, the neutral line
is selected for the overcurrent detection.
[11:5]
RESERVED
Reserved.
0x0
R
[4:2]
PEAKSEL
Set this bit to select which phase(s) to monitor
peak voltages and currents on. Write 1 to PEAKSEL,
Bit 0 to enable Phase A peak detection. Similarly,
PEAKSEL, Bit 1 enables Phase B peak detection, and
PEAKSEL, Bit 2 enables Phase C peak detection.
0x0
R/W
[1:0]
RESERVED
Reserved.
0x0
R
0x49A ZX_LP_SEL
[15:5]
RESERVED
Reserved.
0x0
R
[4:3]
LP_SEL
Selects line period measurement used for
VRMS½ cycle, 10 cycle rms/12 cycle rms, and
resampling.
0x3
R/W
00 APERIOD, line period measurement from Phase A
voltage.
01 BPERIOD, line period measurement from Phase B
voltage.
10 CPERIOD, line period measurement from Phase C
voltage.
11 COM_PERIOD, line period measurement on
combined signal from VA, VB, and VC.
[2:1]
ZX_SEL
Selects the zero-crossing signal, which can be
routed to the CF3/ZX output pin and used for
line cycle energy accumulation.
0x3
R/W
00 ZXVA, Phase A voltage zero-crossing signal.
01 ZXVB, Phase B voltage zero-crossing signal.
10 ZXVC, Phase C voltage zero-crossing signal.
11 ZXCOMB, zero crossing on combined signal from
VA, VB, and VC.
0
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com