Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000ACPZ Datasheet(PDF) 52 Page - Analog Devices

Part # ADE9000ACPZ
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000ACPZ Datasheet(HTML) 52 Page - Analog Devices

Back Button ADE9000ACPZ Datasheet HTML 48Page - Analog Devices ADE9000ACPZ Datasheet HTML 49Page - Analog Devices ADE9000ACPZ Datasheet HTML 50Page - Analog Devices ADE9000ACPZ Datasheet HTML 51Page - Analog Devices ADE9000ACPZ Datasheet HTML 52Page - Analog Devices ADE9000ACPZ Datasheet HTML 53Page - Analog Devices ADE9000ACPZ Datasheet HTML 54Page - Analog Devices ADE9000ACPZ Datasheet HTML 55Page - Analog Devices ADE9000ACPZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 51 of 72
REGISTER DETAILS
Table 7 details the registers of the ADE9000 that have bit fields. Additional registers listed in Table 6 do not have bit fields.
Table 7. Register Details
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
0x060 CONFIG0
[31:14] RESERVED
Reserved.
0x0
R
13
DISRPLPF
Set this bit to disable the low-pass filter in the
total reactive power datapath.
0x0
R/W
12
DISAPLPF
Set this bit to disable the low-pass filter in the
total active power datapath.
0x0
R/W
11
ININTEN
Set this bit to enable the digital integrator in the
neutral current channel.
0x0
R/W
10
VNOMC_EN
Set this bit to use the nominal phase voltage
rms, VNOM, in the computation of Phase C total
apparent power, CVA.
0x0
R/W
9
VNOMB_EN
Set this bit to use the nominal phase voltage
rms, VNOM, in the computation of Phase B total
apparent power, BVA.
0x0
R/W
8
VNOMA_EN
Set this bit to use the nominal phase voltage
rms, VNOM, in the computation of Phase A total
apparent power, AVA.
0x0
R/W
7
RMS_SRC_SEL
This bit selects which samples are used for the
rms½ and 10 cycle rms/12 cycle rms calculation.
0x0
R/W
0 xI_PCF waveforms, after the high-pass filter and
integrator.
1 ADC samples, before the high-pass filter and
integrator.
6
ZX_SRC_SEL
This bit selects whether data going into the zero-
crossing detection circuit comes before the
high-pass filter, integrator, and phase
compensation or afterwards.
0x0
R/W
0 After the high-pass filter, integrator, and phase
compensation.
1 Before the high-pass filter, integrator, and phase
compensation.
5
INTEN
Set this bit to enable the integrators in the phase
current channels. The neutral current channel
integrator is managed by the ININTEN bit in the
CONFIG0 register.
0x0
R/W
4
MTEN
Set this bit to enable multipoint phase and gain
compensation. If enabled, an additional gain
factor, xIGAIN0 through xIGAIN5, is applied to
the current channel based on the xIRMS current
rms amplitude and the MTTHR_Lx and
MTTHR_Hx register values.
0x0
R/W
3
HPFDIS
Set this bit to disable high-pass filters in all the
voltage and current channels.
0x0
R/W
2
RESERVED
Reserved.
0x0
R
[1:0]
ISUM_CFG
ISUM calculation configuration.
0x0
R/W
00 ISUM = AI_PCF + BI_PCF + CI_PCF (for
approximated neutral current rms calculation).
01 ISUM = AI_PCF + BI_PCF + CI_PCF + NI_PCF (to
determine mismatch between neutral and
phase currents).
10 ISUM = AI_PCF + BI_PCF + CI_PCF − NI_PCF (to
determine mismatch between neutral and
phase currents).
11 ISUM = AI_PCF + BI_PCF + CI_PCF (for
approximated neutral current rms calculation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com