Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000ACPZ Datasheet(PDF) 62 Page - Analog Devices

Part # ADE9000ACPZ
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000ACPZ Datasheet(HTML) 62 Page - Analog Devices

Back Button ADE9000ACPZ Datasheet HTML 58Page - Analog Devices ADE9000ACPZ Datasheet HTML 59Page - Analog Devices ADE9000ACPZ Datasheet HTML 60Page - Analog Devices ADE9000ACPZ Datasheet HTML 61Page - Analog Devices ADE9000ACPZ Datasheet HTML 62Page - Analog Devices ADE9000ACPZ Datasheet HTML 63Page - Analog Devices ADE9000ACPZ Datasheet HTML 64Page - Analog Devices ADE9000ACPZ Datasheet HTML 65Page - Analog Devices ADE9000ACPZ Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 61 of 72
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
8
REVPSUM3
Set this bit to enable the EVENT pin to go low to
indicate if the last CF3 pulse was from negative
energy. This bit is updated when a CF3 pulse is
output, when the CF3 pin goes from high to low.
0x0
R/W
7
REVPSUM2
Set this bit to enable the EVENT pin to go low to
indicate if the last CF2 pulse was from negative
energy. This bit is updated when a CF2 pulse is
output, when the CF2 pin goes from high to low.
0x0
R/W
6
REVPSUM1
Set this bit to enable the EVENT pin to go low to
indicate if the last CF1 pulse was from negative
energy. This bit is updated when a CF1 pulse is
output, when the CF1 pin goes from high to low.
0x0
R/W
5
SWELLCEN
Set this bit to enable the EVENT pin to go low to
indicate that the Phase C voltage is in a swell
condition.
0x0
R/W
4
SWELLBEN
Set this bit to enable the EVENT pin to go low to
indicate that the Phase B voltage is in a swell
condition.
0x0
R/W
3
SWELLAEN
Set this bit to enable the EVENT pin to go low to
indicate that the Phase A voltage is in a swell
condition.
0x0
R/W
2
DIPCEN
Set this bit to enable the EVENT pin to go low to
indicate that the Phase C voltage is in a dip
condition.
0x0
R/W
1
DIPBEN
Set this bit to enable the EVENT pin to go low to
indicate that the Phase B voltage is in a dip
condition.
0x0
R/W
0
DIPAEN
Set this bit to enable the EVENT pin to go low to
indicate that the Phase A voltage is in a dip
condition.
0x0
R/W
0x409 OILVL
[31:24] RESERVED
Reserved.
0x0
R
[23:0]
OILVL_VAL
Over current detection threshold level.
0xFFFFFF R/W
0x40A OIA
[31:24] RESERVED
Reserved.
0x0
R
[23:0]
OI_VAL
Phase A overcurrent rms½ value. If a phase is
enabled, with the OC_ENA bit set in the CONFIG3
register and AIRMSONE greater than the OILVL
threshold, this value is updated.
0x0
R
0x40B OIB
[31:24] RESERVED
Reserved.
0x0
R
[23:0]
OIB_VAL
Phase B overcurrent rms½ value. If a phase is
enabled, with the OC_ENB bit set in the CONFIG3
register and BIRMSONE greater than the OILVL
threshold, this value is updated.
0x0
R
0x40C OIC
[31:24] RESERVED
Reserved.
0x0
R
[23:0]
OIC_VAL
Phase C overcurrent rms½ value. If a phase is
enabled, with the OC_ENC bit set in the CONFIG3
register and CIRMSONE greater than the OILVL
threshold, this value is updated.
0x0
R
0x40D OIN
[31:24] RESERVED
Reserved.
0x0
R
[23:0]
OIN_VAL
Neutral current overcurrent rms½ value. If
enabled, with the OC_ENN bit set in the CONFIG3
register and NIRMSONE greater than the OILVL
threshold, this value is updated.
0x0
R
0x40F VLEVEL
[31:24] RESERVED
Reserved.
0x0
R
[23:0]
VLEVEL_VAL
Register used in the algorithm that computes
the fundamental active, reactive, and apparent
powers, as well as the fundamental IRMS and VRMS
values.
0x45D45 R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com