Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000ACPZ Datasheet(PDF) 40 Page - Analog Devices

Part # ADE9000ACPZ
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000ACPZ Datasheet(HTML) 40 Page - Analog Devices

Back Button ADE9000ACPZ Datasheet HTML 36Page - Analog Devices ADE9000ACPZ Datasheet HTML 37Page - Analog Devices ADE9000ACPZ Datasheet HTML 38Page - Analog Devices ADE9000ACPZ Datasheet HTML 39Page - Analog Devices ADE9000ACPZ Datasheet HTML 40Page - Analog Devices ADE9000ACPZ Datasheet HTML 41Page - Analog Devices ADE9000ACPZ Datasheet HTML 42Page - Analog Devices ADE9000ACPZ Datasheet HTML 43Page - Analog Devices ADE9000ACPZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 39 of 72
Address
Name
Description
Reset
Access
0x013
AIFRMSOS
Phase A current rms offset for the fundamental current rms, AIFRMS calculation.
0x00000000
R/W
0x014
AVFRMSOS
Phase A voltage rms offset for the fundamental voltage rms, AVFRMS calculation.
0x00000000
R/W
0x015
AVRMSONEOS
Phase A voltage rms offset for the fast rms½ AVRMSONE calculation.
0x00000000
R/W
0x016
AIRMSONEOS
Phase A current rms offset for the fast rms½ AIRMSONE calculation.
0x00000000
R/W
0x017
AVRMS1012OS
Phase A voltage rms offset for the 10 cycle rms/12 cycle rms AVRMS1012 calculation.
0x00000000
R/W
0x018
AIRMS1012OS
Phase A current rms offset for the 10 cycle rms/12 cycle rms AIRMS1012 calculation.
0x00000000
R/W
0x020
BIGAIN
Phase B current gain adjust.
0x00000000
R/W
0x021
BIGAIN0
Phase B multipoint gain correction factor. If multipoint gain and phase compensation
is enabled, with MTEN = 1 in the CONFIG0 register, an additional gain factor,
BIGAIN0 through BIGAIN5, is applied based on the BIRMS current rms amplitude
and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x022
BIGAIN1
Phase B multipoint gain correction factor. If multipoint gain and phase compensation
is enabled, with MTEN = 1 in the CONFIG0 register, an additional gain factor,
BIGAIN0 through BIGAIN5, is applied based on the BIRMS current rms amplitude
and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x023
BIGAIN2
Phase B multipoint gain correction factor. If multipoint gain and phase compensation
is enabled, with MTEN = 1 in the CONFIG0 register, an additional gain factor,
BIGAIN0 through BIGAIN5, is applied based on the BIRMS current rms amplitude
and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x024
BIGAIN3
Phase B multipoint gain correction factor. If multipoint gain and phase compensation
is enabled, with MTEN = 1 in the CONFIG0 register, an additional gain factor,
BIGAIN0 through BIGAIN5, is applied based on the BIRMS current rms amplitude
and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x025
BIGAIN4
Phase B multipoint gain correction factor. If multipoint gain and phase compensation
is enabled, with MTEN = 1 in the CONFIG0 register, an additional gain factor,
BIGAIN0 through BIGAIN5, is applied based on the BIRMS current rms amplitude
and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x026
BPHCAL0
Phase B multipoint phase correction factor. If multipoint phase and gain calibration is
disabled, with MTEN = 0 in the CONFIG0 register, the BPHCAL0 phase compensation
is applied. If multipoint phase and gain correction is enabled, with MTEN = 1, the
BPHCAL0 through BPHCAL4 value is applied based on the BIRMS current rms
amplitude and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x027
BPHCAL1
Phase B multipoint phase correction factor. If multipoint phase and gain calibration is
disabled, with MTEN = 0 in the CONFIG0 register, the BPHCAL0 phase compensation
is applied. If multipoint phase and gain correction is enabled, with MTEN = 1, the
BPHCAL0 through BPHCAL4 value is applied based on the BIRMS current rms
amplitude and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x028
BPHCAL2
Phase B multipoint phase correction factor. If multipoint phase and gain calibration is
disabled, with MTEN = 0 in the CONFIG0 register, the BPHCAL0 phase compensation
is applied. If multipoint phase and gain correction is enabled, with MTEN = 1, the
BPHCAL0 through BPHCAL4 value is applied based on the BIRMS current rms
amplitude and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x029
BPHCAL3
Phase B multipoint phase correction factor. If multipoint phase and gain calibration is
disabled, with MTEN = 0 in the CONFIG0 register, the BPHCAL0 phase compensation
is applied. If multipoint phase and gain correction is enabled, with MTEN = 1, the
BPHCAL0 through BPHCAL4 value is applied based on the BIRMS current rms
amplitude and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x02A
BPHCAL4
Phase B multipoint phase correction factor. If multipoint phase and gain calibration is
disabled, with MTEN = 0 in the CONFIG0 register, the BPHCAL0 phase compensation
is applied. If multipoint phase and gain correction is enabled, with MTEN = 1, the
BPHCAL0 through BPHCAL4 value is applied based on the BIRMS current rms
amplitude and the MTTHR_Lx and MTTHR_Hx register values.
0x00000000
R/W
0x02B
BVGAIN
Phase B voltage gain adjust.
0x00000000
R/W
0x02C
BIRMSOS
Phase B current rms offset for the BIRMS calculation.
0x00000000
R/W
0x02D
BVRMSOS
Phase B voltage rms offset for the BVRMS calculation.
0x00000000
R/W
0x02E
BPGAIN
Phase B power gain adjust for the BWATT, BVA, BVAR, BFWATT, BFVA, and BFVAR
calculations.
0x00000000
R/W
0x02F
BWATTOS
Phase B total active power offset correction for the BWATT calculation.
0x00000000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com