Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000ACPZ Datasheet(PDF) 36 Page - Analog Devices

Part # ADE9000ACPZ
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000ACPZ Datasheet(HTML) 36 Page - Analog Devices

Back Button ADE9000ACPZ Datasheet HTML 32Page - Analog Devices ADE9000ACPZ Datasheet HTML 33Page - Analog Devices ADE9000ACPZ Datasheet HTML 34Page - Analog Devices ADE9000ACPZ Datasheet HTML 35Page - Analog Devices ADE9000ACPZ Datasheet HTML 36Page - Analog Devices ADE9000ACPZ Datasheet HTML 37Page - Analog Devices ADE9000ACPZ Datasheet HTML 38Page - Analog Devices ADE9000ACPZ Datasheet HTML 39Page - Analog Devices ADE9000ACPZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 35 of 72
WAVEFORM BUFFER
The ADE9000 has a waveform buffer comprised of 2048, 32-bit
memory locations. To configure the data into the waveform
buffer, use the WF_SRC and WF_CAP_SEL bits in the
WFB_CFG register.
The data can come from the following four locations, as follows:
•
Sinc4 outputs at 32 kSPS. The waveform buffer holds 8 ms
of waveform data per channel.
•
Sinc4 + IIR LPF output at 8 kSPS. The waveform buffer
holds 32 ms of waveform data per channel.
•
Current and voltage channel waveforms processed by the
DSP at 8 kSPS. The waveform buffer holds 32 ms of
waveform data per channel.
•
Resampled waveforms with 128 points per line cycle
processed by the DSP. The data rate varies with the line
period. The waveform buffer holds 80 ms of waveform data
per channel.
The waveform buffer offers the following different filling modes
for use with fixed data rate samples:
•
Stop when buffer is full
•
Continuous filling
The ADE9000 allows a selection of events to trigger waveform
buffer captures, and there is an option to store the current
waveform buffer address during an event to allow the user
to synchronize the event with the waveform samples. The
following waveform buffer actions are associated with an event
when the buffer is filling continuously:
•
Stops filling on trigger
•
Centers capture around trigger
•
Saves the event address and keeps filling
Use the SPI burst read mode to read the waveform buffer
contents. The default value bursts out all the channels in the
waveform buffer.
The waveform buffer generates an interrupt on IRQ0 after the
last address is filled. The DSP must be on to use the waveform
buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com