Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000ACPZ Datasheet(PDF) 43 Page - Analog Devices

Part # ADE9000ACPZ
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000ACPZ Datasheet(HTML) 43 Page - Analog Devices

Back Button ADE9000ACPZ Datasheet HTML 39Page - Analog Devices ADE9000ACPZ Datasheet HTML 40Page - Analog Devices ADE9000ACPZ Datasheet HTML 41Page - Analog Devices ADE9000ACPZ Datasheet HTML 42Page - Analog Devices ADE9000ACPZ Datasheet HTML 43Page - Analog Devices ADE9000ACPZ Datasheet HTML 44Page - Analog Devices ADE9000ACPZ Datasheet HTML 45Page - Analog Devices ADE9000ACPZ Datasheet HTML 46Page - Analog Devices ADE9000ACPZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
ADE9000
Data Sheet
Rev. A | Page 42 of 72
Address
Name
Description
Reset
Access
0x218
AITHD
Phase A current THD, updated every 1.024 sec.
0x00000000
R
0x219
AIRMSONE
Phase A current fast rms½ calculation, one cycle rms updated every half cycle.
0x00000000
R
0x21A
AVRMSONE
Phase A voltage fast rms½ calculation, one cycle rms updated every half cycle.
0x00000000
R
0x21B
AIRMS1012
Phase A current fast 10 cycle rms/12 cycle rms calculation. The calculation is
performed over 10 cycles if SELFREQ = 0 for a 50 Hz network or over 12 cycles if
SELFREQ = 1 for a 60 Hz network, in the ACCMODE register.
0x00000000
R
0x21C
AVRMS1012
Phase A voltage fast 10 cycle rms/12 cycle rms calculation. The calculation is
performed over 10 cycles if SELFREQ = 0 for a 50 Hz network or over 12 cycles if
SELFREQ = 1 for a 60 Hz network, in the ACCMODE register.
0x00000000
R
0x21D
AMTREGION
If multipoint gain and phase compensation is enabled, with MTEN = 1 in the
CONFIG0 register, this register indicate which AIGAINx and APHCALx is currently
being used.
0x0000000F
R
0x22A
BI_PCF
Instantaneous Phase B current channel waveform processed by the DSP at 8 kSPS.
0x00000000
R
0x22B
BV_PCF
Instantaneous Phase B voltage channel waveform processed by the DSP at 8 kSPS.
0x00000000
R
0x22C
BIRMS
Phase B filter-based current rms value, updates at 8 kSPS.
0x00000000
R
0x22D
BVRMS
Phase B filter-based voltage rms value, updates at 8 kSPS.
0x00000000
R
0x22E
BIFRMS
Phase B current fundamental rms, updates at 8 kSPS.
0x00000000
R
0x22F
BVFRMS
Phase B voltage fundamental rms, updates at 8 kSPS.
0x00000000
R
0x230
BWATT
Phase B low-pass filtered total active power, updated at 8 kSPS.
0x00000000
R
0x231
BVAR
Phase B low-pass filtered total reactive power, updated at 8 kSPS.
0x00000000
R
0x232
BVA
Phase B total apparent power, updated at 8 kSPS.
0x00000000
R
0x233
BFWATT
Phase B fundamental active power, updated at 8 kSPS.
0x00000000
R
0x234
BFVAR
Phase B fundamental reactive power, updated at 8 kSPS.
0x00000000
R
0x235
BFVA
Phase B fundamental apparent power, updated at 8 kSPS.
0x00000000
R
0x236
BPF
Phase B power factor, updated every 1.024 sec.
0x00000000
R
0x237
BVTHD
Phase B voltage THD, updated every 1.024 sec.
0x00000000
R
0x238
BITHD
Phase B current THD, updated every 1.024 sec.
0x00000000
R
0x239
BIRMSONE
Phase B current fast rms½ calculation, one cycle rms updated every half cycle.
0x00000000
R
0x23A
BVRMSONE
Phase B voltage fast rms½ calculation, one cycle rms updated every half cycle.
0x00000000
R
0x23B
BIRMS1012
Phase B current fast 10 cycle rms/12 cycle rms calculation. The calculation is
performed over 10 cycles if SELFREQ = 0 for a 50 Hz network or over 12 cycles if
SELFREQ = 1 for a 60 Hz network, in the ACCMODE register.
0x00000000
R
0x23C
BVRMS1012
Phase B voltage fast 10 cycle rms/12 cycle rms calculation. The calculation is
performed over 10 cycles if SELFREQ = 0 for a 50 Hz network or over 12 cycles if
SELFREQ = 1 for a 60 Hz network, in the ACCMODE register.
0x00000000
R
0x23D
BMTREGION
If multipoint gain and phase compensation is enabled, with MTEN = 1 in the COFIG0
register, this register indicate which BIGAINx and BPHCALx is currently being used.
0x0000000F
R
0x24A
CI_PCF
Instantaneous Phase C current channel waveform processed by the DSP at 8 kSPS.
0x00000000
R
0x24B
CV_PCF
Instantaneous Phase C voltage channel waveform processed by the DSP at 8 kSPS.
0x00000000
R
0x24C
CIRMS
Phase C filter-based current rms value, updates at 8 kSPS.
0x00000000
R
0x24D
CVRMS
Phase C filter-based voltage rms value, updates at 8 kSPS.
0x00000000
R
0x24E
CIFRMS
Phase C current fundamental rms, updates at 8 kSPS.
0x00000000
R
0x24F
CVFRMS
Phase C voltage fundamental rms, updates at 8 kSPS.
0x00000000
R
0x250
CWATT
Phase C low-pass filtered total active power, updated at 8 kSPS.
0x00000000
R
0x251
CVAR
Phase C low-pass filtered total reactive power, updated at 8 kSPS.
0x00000000
R
0x252
CVA
Phase C total apparent power, updated at 8 kSPS.
0x00000000
R
0x253
CFWATT
Phase C fundamental active power, updated at 8 kSPS.
0x00000000
R
0x254
CFVAR
Phase C fundamental reactive power, updated at 8 kSPS.
0x00000000
R
0x255
CFVA
Phase C fundamental apparent power, updated at 8 kSPS.
0x00000000
R
0x256
CPF
Phase C power factor, updated every 1.024 sec.
0x00000000
R
0x257
CVTHD
Phase C voltage THD, updated every 1.024 sec.
0x00000000
R
0x258
CITHD
Phase C current total THD, updated every 1.024 sec.
0x00000000
R
0x259
CIRMSONE
Phase C current fast rms½ calculation, one cycle rms updated every half cycle.
0x00000000
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com