Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000ACPZ Datasheet(PDF) 38 Page - Analog Devices

Part # ADE9000ACPZ
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000ACPZ Datasheet(HTML) 38 Page - Analog Devices

Back Button ADE9000ACPZ Datasheet HTML 34Page - Analog Devices ADE9000ACPZ Datasheet HTML 35Page - Analog Devices ADE9000ACPZ Datasheet HTML 36Page - Analog Devices ADE9000ACPZ Datasheet HTML 37Page - Analog Devices ADE9000ACPZ Datasheet HTML 38Page - Analog Devices ADE9000ACPZ Datasheet HTML 39Page - Analog Devices ADE9000ACPZ Datasheet HTML 40Page - Analog Devices ADE9000ACPZ Datasheet HTML 41Page - Analog Devices ADE9000ACPZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 37 of 72
ACCESSING ON-CHIP DATA
SPI PROTOCOL OVERVIEW
The ADE9000 has an SPI-compatible interface, consisting of
four pins: SCLK, MOSI, MISO, and SS. The ADE9000 is always
an SPI slave; it never initiates SPI communication. The SPI
interface is compatible with 16-bit and 32-bit read/write operations.
The maximum serial clock frequency supported by this interface is
20 MHz.
The ADE9000 provides SPI burst read functionality on certain
registers and the waveform buffer that allows multiple registers
to be read after sending one CMD_HDR.
15
3 2
0
ADDR[11:0]
R/W
xxx
READ = 1
WRITE = 0
DON’T CARE BITS
ADDRESS TO BE ACCESSED
Figure 72. Command Header, CMD_HDR
The ADE9000 SPI port calculates a 16-bit cyclic redundancy
check (CRC-16) of the data sent out on its MOSI pin so that the
integrity of the data received by the master can be checked. The
CRC of the data sent out on the MOSI pin during the last register
read is offered in a 16-bit register, CRC_SPI, and can be
appended to the SPI read data as part of the SPI transaction.
ADDITIONAL COMMUNICATION VERIFICATION
REGISTERS
The ADE9000 includes three registers that allow SPI operation
verification. The LAST_CMD (Address 0x4AE), LAST_DATA_16
(Address 0x4AC), and LAST_DATA_32 (Address 0x423) registers
record the received CMD_HDR and the last read or transmitted
data.
CRC OF CONFIGURATION REGISTERS
The configuration register CRC feature in the ADE9000
monitors certain external and internal register values. It also
optionally includes 15 registers that are individually selectable in
the CRC_OPTEN register. The result is stored in the CRC_RSLT
register. The ADE9000 generates an interrupt on IRQ1 if any of
the monitored registers change the value of the CRC_RSLT
register.
CONFIGURATION LOCK
The configuration lock feature prevents changes to the ADE9000
configuration. To enable this feature, write 0x3C64 to the
WR_LOCK register. To disable the feature, write 0x4AD1.
To determine whether this feature is active, read the
WR_LOCK register, which reads as 1 if the protection is
enabled and 0 if it is disabled.
When this feature is enabled, it prevents writing to addresses
from Address 0x000 to Address 0x073 and Address 0x400 to
Address 0x4FE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com