Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000ACPZ Datasheet(PDF) 56 Page - Analog Devices

Part # ADE9000ACPZ
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000ACPZ Datasheet(HTML) 56 Page - Analog Devices

Back Button ADE9000ACPZ Datasheet HTML 52Page - Analog Devices ADE9000ACPZ Datasheet HTML 53Page - Analog Devices ADE9000ACPZ Datasheet HTML 54Page - Analog Devices ADE9000ACPZ Datasheet HTML 55Page - Analog Devices ADE9000ACPZ Datasheet HTML 56Page - Analog Devices ADE9000ACPZ Datasheet HTML 57Page - Analog Devices ADE9000ACPZ Datasheet HTML 58Page - Analog Devices ADE9000ACPZ Datasheet HTML 59Page - Analog Devices ADE9000ACPZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 55 of 72
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
27
CRC_DONE
This bit is set to indicate when the configuration
register CRC calculation is complete, after initiated
by writing the FORCE_CRC_UPDATE bit in the
CRC_FORCE register.
0x0
R/W1
26
CRC_CHG
This bit is set if any of the registers monitored by
the configuration register CRC change value. The
CRC_RSLT register holds the new configuration
register CRC value.
0x0
R/W1
25
DIPC
This bit is set to indicates Phase C voltage
entered or exited a dip condition.
0x0
R/W1
24
DIPB
This bit is set to indicates Phase B voltage
entered or exited a dip condition.
0x0
R/W1
23
DIPA
This bit is set to indicates Phase A voltage
entered or exited a dip condition.
0x0
R/W1
22
SWELLC
This bit is set to indicates Phase C voltage
entered or exited a swell condition.
0x0
R/W1
21
SWELLB
This bit is set to indicates Phase B voltage
entered or exited a swell condition.
0x0
R/W1
20
SWELLA
This bit it set to indicates Phase A voltage
entered or exited a swell condition.
0x0
R/W1
19
RESERVED
Reserved.
0x0
R
18
SEQERR
This bit is set to indicate a phase sequence error
on the Phase voltage zero crossings.
0x0
R/W1
17
OI
This bit is set to indicate that an overcurrent
event occurred on one of the phases indicated
in the OISTATUS register.
0x0
R/W1
16
RSTDONE
This bit is set to indicate that the IC finished its
power-up sequence after a reset or after
changing between PSM3 operating mode to
PSM0, which indicates that the user can
configure the IC via the SPI port.
0x0
R/W1
15
ZXIC
When this bit is set to 1, it indicates a zero
crossing is detected on Phase C current.
0x0
R/W1
14
ZXIB
When this bit is set to 1, it indicates a zero
crossing is detected on Phase B current.
0x0
R/W1
13
ZXIA
When this bit is set to 1, it indicates a zero
crossing is detected on Phase A current.
0x0
R/W1
12
ZXCOMB
When this bit is set, it indicates a zero crossing is
detected on the combined signal from VA, VB,
and VC.
0x0
R/W1
11
ZXVC
When this bit is set, it indicates a zero crossing is
detected on the Phase C voltage channel.
0x0
R/W1
10
ZXVB
When this bit is set, it indicates a zero crossing is
detected on the Phase B voltage channel.
0x0
R/W1
9
ZXVA
When this bit is set, it indicates a zero crossing is
detected on the Phase A voltage channel.
0x0
R/W1
8
ZXTOVC
This bit is set to indicate a zero-crossing timeout
on Phase C. This means that a zero crossing on
the Phase C voltage is missing.
0x0
R/W1
7
ZXTOVB
This bit is set to indicate a zero-crossing timeout
on Phase B. This means that a zero crossing on
the Phase B voltage is missing.
0x0
R/W1
6
ZXTOVA
This bit is set to indicate a zero-crossing timeout
on Phase A. This means that a zero crossing on
the Phase A voltage is missing.
0x0
R/W1
5
VAFNOLOAD
This bit is set when one or more phase
fundamental apparent energy enters or exits
the no load condition. The phase is indicated
in the PHNOLOAD register.
0x0
R/W1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com