Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000ACPZ Datasheet(PDF) 44 Page - Analog Devices

Part # ADE9000ACPZ
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000ACPZ Datasheet(HTML) 44 Page - Analog Devices

Back Button ADE9000ACPZ Datasheet HTML 40Page - Analog Devices ADE9000ACPZ Datasheet HTML 41Page - Analog Devices ADE9000ACPZ Datasheet HTML 42Page - Analog Devices ADE9000ACPZ Datasheet HTML 43Page - Analog Devices ADE9000ACPZ Datasheet HTML 44Page - Analog Devices ADE9000ACPZ Datasheet HTML 45Page - Analog Devices ADE9000ACPZ Datasheet HTML 46Page - Analog Devices ADE9000ACPZ Datasheet HTML 47Page - Analog Devices ADE9000ACPZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 43 of 72
Address
Name
Description
Reset
Access
0x25A
CVRMSONE
Phase C voltage fast rms½ calculation, one cycle rms updated every half cycle.
0x00000000
R
0x25B
CIRMS1012
Phase C current fast 10 cycle rms/12 cycle rms calculation. The calculation is
performed over 10 cycles if SELFREQ = 0 for a 50 Hz network or over 12 cycles if
SELFREQ = 1 for a 60 Hz network, in the ACCMODE register.
0x00000000
R
0x25C
CVRMS1012
Phase C voltage fast 10 cycle rms/12 cycle rms calculation. The calculation is
performed over 10 cycles if SELFREQ = 0 for a 50 Hz network or over 12 cycles if
SELFREQ = 1 for a 60 Hz network, in the ACCMODE register.
0x00000000
R
0x25D
CMTREGION
If multipoint gain and phase compensation is enabled, with MTEN = 1 in the
CONFIG0 register, these bits indicate which CIGAINx and CPHCALx is currently
being used.
0x0000000F
R
0x265
NI_PCF
Instantaneous neutral current channel waveform processed by the DSP at 8 kSPS.
0x00000000
R
0x266
NIRMS
Neutral current filter-based rms value.
0x00000000
R
0x267
NIRMSONE
Neutral current fast rms½ calculation, one cycle rms updated every half cycle.
0x00000000
R
0x268
NIRMS1012
Neutral current fast 10 cycle rms/12 cycle rms calculation. The calculation is
performed over 10 cycles if SELFREQ = 0 for a 50 Hz network or over 12 cycles if
SELFREQ = 1 for a 60 Hz network, in the ACCMODE register.
0x00000000
R
0x269
ISUMRMS
Filter-based rms based on the sum of IA + IB + IC ± IN.
0x00000000
R
0x26A
VERSION2
This register indicates the version of the metrology algorithms after the user
writes run = 1 to start the measurements.
0x0000000C
R
0x2E5
AWATT_ACC
Phase A accumulated total active power, updated after PWR_TIME 8 kSPS samples.
0x00000000
R
0x2E6
AWATTHR_LO
Phase A accumulated total active energy, LSB. Updated according to the settings
in the EP_CFG and EGY_TIME registers.
0x00000000
R
0x2E7
AWATTHR_HI
Phase A accumulated total active energy, MSB. Updated according to the settings in
the EP_CFG and EGY_TIME registers.
0x00000000
R
0x2EF
AVAR_ACC
Phase A accumulated total reactive power, updated after PWR_TIME 8 kSPS samples.
0x00000000
R
0x2F0
AVARHR_LO
Phase A accumulated total reactive energy, LSB. Updated according to the settings in
the EP_CFG and EGY_TIME registers.
0x00000000
R
0x2F1
AVARHR_HI
Phase A accumulated total reactive energy, MSB. Updated according to the settings
in the EP_CFG and EGY_TIME registers.
0x00000000
R
0x2F9
AVA_ACC
Phase A accumulated total apparent power, updated after PWR_TIME 8 kSPS samples.
0x00000000
R
0x2FA
AVAHR_LO
Phase A accumulated total apparent energy, LSB. Updated according to the settings
in the EP_CFG and EGY_TIME registers.
0x00000000
R
0x2FB
AVAHR_HI
Phase A accumulated total apparent energy, LSB. Updated according to the settings
in the EP_CFG and EGY_TIME registers.
0x00000000
R
0x303
AFWATT_ACC
Phase A accumulated fundamental active power, updated after PWR_TIME
8 kSPS samples.
0x00000000
R
0x304
AFWATTHR_LO
Phase A accumulated fundamental active energy, LSB. Updated according to the
settings in the EP_CFG and EGY_TIME registers.
0x00000000
R
0x305
AFWATTHR_HI
Phase A accumulated fundamental active energy, MSB. Updated according to the
settings in the EP_CFG and EGY_TIME registers.
0x00000000
R
0x30D
AFVAR_ACC
Phase A accumulated fundamental reactive power, updated after PWR_TIME 8 kSPS
samples.
0x00000000
R
0x30E
AFVARHR_LO
Phase A accumulated fundamental reactive energy, LSB. Updated according to
the settings in the EP_CFG and EGY_TIME registers.
0x00000000
R
0x30F
AFVARHR_HI
Phase A accumulated fundamental reactive energy, MSB. Updated according to
the settings in the EP_CFG and EGY_TIME registers.
0x00000000
R
0x317
AFVA_ACC
Phase A accumulated fundamental apparent power, updated after PWR_TIME 8 kSPS
samples.
0x00000000
R
0x318
AFVAHR_LO
Phase A accumulated fundamental apparent energy, LSB. Updated according to
the settings in the EP_CFG and EGY_TIME registers.
0x00000000
R
0x319
AFVAHR_HI
Phase A accumulated fundamental apparent energy, MSB. Updated according to
the settings in the EP_CFG and EGY_TIME registers.
0x00000000
R
0x321
BWATT_ACC
Phase B accumulated total active power, updated after PWR_TIME 8 kSPS samples.
0x00000000
R
0x322
BWATTHR_LO
Phase B accumulated total active energy, LSB. Updated according to the settings
in the EP_CFG and EGY_TIME registers.
0x00000000
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com