Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9000ACPZ Datasheet(PDF) 47 Page - Analog Devices

Part # ADE9000ACPZ
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9000ACPZ Datasheet(HTML) 47 Page - Analog Devices

Back Button ADE9000ACPZ Datasheet HTML 43Page - Analog Devices ADE9000ACPZ Datasheet HTML 44Page - Analog Devices ADE9000ACPZ Datasheet HTML 45Page - Analog Devices ADE9000ACPZ Datasheet HTML 46Page - Analog Devices ADE9000ACPZ Datasheet HTML 47Page - Analog Devices ADE9000ACPZ Datasheet HTML 48Page - Analog Devices ADE9000ACPZ Datasheet HTML 49Page - Analog Devices ADE9000ACPZ Datasheet HTML 50Page - Analog Devices ADE9000ACPZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 73 page
background image
ADE9000
Data Sheet
Rev. A | Page 46 of 72
Address
Name
Description
Reset
Access
0x41D
REACT_NL_LVL
No load threshold in the total and fundamental reactive power datapath.
0x0000FFFF
R/W
0x41E
APP_NL_LVL
No load threshold in the total and fundamental apparent power datapath.
0x0000FFFF
R/W
0x41F
PHNOLOAD
Phase no load register.
0x00000000
R
0x420
WTHR
Sets the maximum output rate from the digital to frequency converter for the
total and fundamental active power for the CFx calibration pulse output. It is
recommended to write WTHR = 0x0010_0000.
0x0000FFFF
R/W
0x421
VARTHR
Sets the maximum output rate from the digital to frequency converter for the
total and fundamental reactive power for the CFx calibration pulse output. It is
recommended to write VARTHR = 0x0010_0000.
0x0000FFFF
R/W
0x422
VATHR
Sets the maximum output rate from the digital to frequency converter for the
total and fundamental apparent power for the CFx calibration pulse output. It is
recommended to write VATHR = 0x0010_0000.
0x0000FFFF
R/W
0x423
LAST_DATA_32
This register holds the data read or written during the last 32-bit transaction on
the SPI port.
0x00000000
R
0x424
ADC_REDIRECT
This register allows any ADC output to be redirected to any digital datapath.
0x001FFFFF
R/W
0x425
CF_LCFG
CFx calibration pulse width configuration register.
0x00000000
R/W
0x472
PART_ID
This register identifies the IC. If the ADE9000_ID bit = 1, the IC is the ADE9000.
0x00100000
R
0x474
TEMP_TRIM
Temperature sensor gain and offset, calculated during the manufacturing process.
0x00000000
R/W
0x480
RUN
Write this register to 1 to start the measurements.
0x0000
R/W
0x481
CONFIG1
Configuration Register 1.
0x0000
R/W
0x482
ANGL_VA_VB
Time between positive to negative zero crossings on Phase A and Phase B voltages.
0x0000
R
0x483
ANGL_VB_VC
Time between positive to negative zero crossings on Phase B and Phase C voltages.
0x0000
R
0x484
ANGL_VA_VC
Time between positive to negative zero crossings on Phase A and Phase C voltages.
0x0000
R
0x485
ANGL_VA_IA
Time between positive to negative zero crossings on Phase A voltage and current.
0x0000
R
0x486
ANGL_VB_IB
Time between positive to negative zero crossings on Phase B voltage and current.
0x0000
R
0x487
ANGL_VC_IC
Time between positive to negative zero crossings on Phase C voltage and current.
0x0000
R
0x488
ANGL_IA_IB
Time between positive to negative zero crossings on Phase A and Phase B current.
0x0000
R
0x489
ANGL_IB_IC
Time between positive to negative zero crossings on Phase B and Phase C current.
0x0000
R
0x48A
ANGL_IA_IC
Time between positive to negative zero crossings on Phase A and Phase C current.
0x0000
R
0x48B
DIP_CYC
Voltage rms½ dip detection cycle configuration.
0xFFFF
R/W
0x48C
SWELL_CYC
Voltage rms½ swell detection cycle configuration.
0xFFFF
R/W
0x48F
OISTATUS
Overcurrent status register.
0x0000
R
0x490
CFMODE
CFx configuration register.
0x0000
R/W
0x491
COMPMODE
Computation mode register.
0x0000
R/W
0x492
ACCMODE
Accumulation mode register.
0x0000
R/W
0x493
CONFIG3
Configuration Register 3.
0xF000
R/W
0x494
CF1DEN
CF1 denominator register.
0xFFFF
R/W
0x495
CF2DEN
CF2 denominator register.
0xFFFF
R/W
0x496
CF3DEN
CF3 denominator register.
0xFFFF
R/W
0x497
CF4DEN
CF4 denominator register.
0xFFFF
R/W
0x498
ZXTOUT
Zero-crossing timeout configuration register.
0xFFFF
R/W
0x499
ZXTHRSH
Voltage channel zero-crossing threshold register.
0x0009
R/W
0x49A
ZX_LP_SEL
This register selects which zero crossing and which line period measurement are
used for other calculations.
0x001E
R/W
0x49C
SEQ_CYC
Number of line cycles used for phase sequence detection. It is recommended to
set this register to 1.
0x00FF
R/W
0x49D
PHSIGN
Power sign register.
0x0000
R
0x4A0
WFB_CFG
Waveform buffer configuration register.
0x0000
R/W
0x4A1
WFB_PG_IRQEN
This register enables interrupts to occur after specific pages of the waveform
buffer are filled.
0x0000
R/W
0x4A2
WFB_TRG_CFG
This register enables events to trigger a capture in the waveform buffer.
0x0000
R/W
0x4A3
WFB_TRG_STAT
This register indicates the last page that was filled in the waveform buffer and
the location of trigger events.
0x0000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com