Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0141CS Datasheet(PDF) 45 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 45 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 40Page - ON Semiconductor AR0141CS Datasheet HTML 41Page - ON Semiconductor AR0141CS Datasheet HTML 42Page - ON Semiconductor AR0141CS Datasheet HTML 43Page - ON Semiconductor AR0141CS Datasheet HTML 44Page - ON Semiconductor AR0141CS Datasheet HTML 45Page - ON Semiconductor AR0141CS Datasheet HTML 46Page - ON Semiconductor AR0141CS Datasheet HTML 47Page - ON Semiconductor AR0141CS Datasheet HTML 48Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
AR0141CS
www.onsemi.com
45
Power−Up Sequence
The recommended power−up sequence for the
AR0141CS is shown in Figure 49. The available power
supplies (VDD_IO, VDD, VDD_SLVS, VDD_PLL, VAA,
VAA_PIX) must have the separation specified below.
1. Turn on VDD_PLL power supply
2. After 100
μs, turn on VAA and VAA_PIX power
supply
3. After 100
μs, turn on VDD_IO power supply
4. After 100
μs, turn on VDD power supply
5. After 100
μs, turn on VDD_SLVS power supply
6. After the last power supply is stable, enable
EXTCLK
7. Assert RESET_BAR for at least 1 ms. The parallel
interface will be tri−stated during this time
8. Wait 1800 EXTCLKs for internal initialization
into software standby
9. Initiate load of OTPM data by setting R0x304A =
0x0010
10. Wait for 185135 EXTCLKs for a full OTPM
loading
11. Configure PLL, output, and image settings to
desired values
12. Wait 1ms for the PLL to lock
13. Set streaming mode (R0x301A[2] = 1)
Figure 49. Power Up
t0
t1
t2
t3
t4
tx
t5
t6
t7
RESET_BAR
EXTCLK
VDD_SLVS (0.4)
VDD (1.8)
VDD_IO (1.8/2.8)
VAA (2.8)
VAA_PIX
VDD_PLL (2.8)
Hard
Reset
Internal
Initialization
Software
Standby
R0x304A
= 0x0010
OTPM
loading
Initialization
Setting
loading
PLL
Lock
Streaming
Table 36.
POWER−UP SEQUENCE
Definition
Symbol
Minimum
Typical
Maximum
Unit
VDD_PLL to VAA/VAA_PIX (Note 3)
t0
0
100
–
μs
VAA/VAA_PIX to VDD_IO
t1
0
100
–
μs
VDD_IO to VDD
t2
0
100
–
μs
VDD to VDD_SLVS
t3
0
100
–
μs
Xtal Settle Time
tx
–
30 (Note 1)
–
ms
Hard Reset
t4
1 (Note 2)
–
–
ms
Internal Initialization
t5
1800
–
–
EXTCLK
OTPM Loading
t6
185135
–
–
EXTCLK
PLL Lock Time
t7
1
–
–
ms
1. Xtal settling time is component−dependent, usually taking about 10 – 100 ms.
2. Hard reset time is the minimum time required after power rails are settled. In a circuit where Hard reset is held down by RC circuit, then the
RC time must include the all power rail settle time and Xtal settle time.
3. It is critical that VDD_PLL is not powered up after the other power supplies. It must be powered before or at least at the same time as the
others. If the case happens that VDD_PLL is powered after other supplies then sensor may have functionality issues and will experience high
current draw on this supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com