Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0141CS Datasheet(PDF) 20 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 20 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 16Page - ON Semiconductor AR0141CS Datasheet HTML 17Page - ON Semiconductor AR0141CS Datasheet HTML 18Page - ON Semiconductor AR0141CS Datasheet HTML 19Page - ON Semiconductor AR0141CS Datasheet HTML 20Page - ON Semiconductor AR0141CS Datasheet HTML 21Page - ON Semiconductor AR0141CS Datasheet HTML 22Page - ON Semiconductor AR0141CS Datasheet HTML 23Page - ON Semiconductor AR0141CS Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
AR0141CS
www.onsemi.com
20
SUBSAMPLING
The AR0141CS supports subsampling. Subsampling
allows the sensor to read out a smaller set of active pixels by
either skipping, binning, or summing pixels within the
readout window.
Figure 23. Horizontal Binning in the AR0141CS Sensor
Isb
Isb
Horizontal binning is achieved either in the pixel readout
or the digital readout. The sensor will sample the combined
2x adjacent pixels within the same color plane.
Figure 24. Vertical Row Binning in the AR0141CS Sensor
e−
e−
Vertical row binning is applied in the pixel readout. Row
binning can be configured as 2x rows within the same color
plane.
Pixel skipping can be configured up to 2x in both the
x−direction and y−direction. Skipping pixels in the
x−direction will not reduce the row time. Skipping pixels in
the y−direction will reduce the number of rows from the
sensor effectively reducing the frame time. Skipping will
introduce image artifacts from aliasing.
Table 10. AVAILABLE SKIP AND BIN MODES IN THE AR0141CS SENSOR
Subsampling Method
Horizontal
Vertical
Skipping
2x
2x
Binning
2x
2x
The sensor increments its x and y address based on the
x_odd_inc and y_odd_inc value. The value indicates the
addresses that are skipped after each pair of pixels or rows
has been read.
The sensor will increment x and y addresses in multiples
of 2. This indicates that a GreenR and Red pixel pair will be
read together. As well, that the sensor will read a Gr−R row
first followed by a B−Gb row.
(eq. 4)
x subsampling factor +
1 ) x_odd_inc
2
(eq. 5)
y subsampling factor +
1 ) y_odd_inc
2
A value of 1 is used for x_odd_inc and y_odd_inc when no
pixel subsampling is indicated. In this case, the sensor is
incrementing x and y addresses by 1 + 1 so that it reads
consecutive pixel and row pairs. To implement a 2x skip in
the x direction, the x_odd_inc is set to 3 so that the x address
increment is 1 + 3, meaning that sensor will skip every other
Gr−R pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com