Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0141CS Datasheet(PDF) 22 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 22 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 18Page - ON Semiconductor AR0141CS Datasheet HTML 19Page - ON Semiconductor AR0141CS Datasheet HTML 20Page - ON Semiconductor AR0141CS Datasheet HTML 21Page - ON Semiconductor AR0141CS Datasheet HTML 22Page - ON Semiconductor AR0141CS Datasheet HTML 23Page - ON Semiconductor AR0141CS Datasheet HTML 24Page - ON Semiconductor AR0141CS Datasheet HTML 25Page - ON Semiconductor AR0141CS Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
AR0141CS
www.onsemi.com
22
Figure 25. Frame Period Measured in Clocks
Row Period (TROW)
line_length_pck will determine the number of clock
periods per row and the row period (TROW) when combined
with the sensor readout clock. line_length_pck includes both
the active pixels and the horizontal blanking time per row.
The sensor utilizes two readout paths, as seen in Figure 1,
allowing the sensor to output two pixels during each pixel
clock.
Row Periods Per Frame
frame_length_lines determines the number of row periods
(TROW) per frame. This includes both the active and
blanking rows. The minimum vertical blanking value is
defined by the number of OB rows read per frame, two
embedded data rows, and two blank rows.
(eq. 8)
Minimumframe_length_lines +
y_addr_end–y_addr_start ) 1
(y_odd_inc ) 1) 2
) min_vertical_blanking
The sensor is configured to output frame information in
two embedded data rows by setting R0x3064[8] to 1
(default). If R0x3064[8] is set to 0, the sensor will instead
output two blank rows. The data configured in the two
embedded rows is defined in two embedded rows of data at
the top of the frame by setting R0x3064[7] and two rows of
embedded statistics at the end of the frame by setting
R0x3064[7] for exposure calculations. See the section on
Embedded Data and Statistics.
Table 13. MINIMUM VERTICAL BLANKING CONFIGURATION
R0x3180[7:4]
OB Rows
min_vertical_blanking
0x8 (Default)
8 OB Rows
8 OB + 8 = 16
0x4
4 OB Rows
4 OB + 8 = 12
0x2
2 OB Rows
2 OB + 8 = 10
The locations of the OB rows, embedded rows, and blank
rows within the frame readout are identified in Figure 26:
“Slave Mode Active State and Vertical Blanking,”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com