Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0141CS Datasheet(PDF) 36 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 36 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 32Page - ON Semiconductor AR0141CS Datasheet HTML 33Page - ON Semiconductor AR0141CS Datasheet HTML 34Page - ON Semiconductor AR0141CS Datasheet HTML 35Page - ON Semiconductor AR0141CS Datasheet HTML 36Page - ON Semiconductor AR0141CS Datasheet HTML 37Page - ON Semiconductor AR0141CS Datasheet HTML 38Page - ON Semiconductor AR0141CS Datasheet HTML 39Page - ON Semiconductor AR0141CS Datasheet HTML 40Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
AR0141CS
www.onsemi.com
36
CHIEF RAY ANGLE − 21 deg
AR0141 Mono CRA Characteristic
Image Height
CRA
(deg)
(%)
(mm)
10
20
30
40
50
60
70
80
90
100
110
Figure 43. Chief Ray Angle − 21 deg
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0
Image Height (%)
0
0
0
5
0.113
1.01
10
0.226
2.03
15
0.340
3.07
20
0.453
4.11
25
0.566
5.17
30
0.679
6.23
35
0.792
7.30
40
0.906
8.38
45
1.019
9.46
50
1.132
10.54
55
1.245
11.63
60
1.358
12.73
65
1.472
13.82
70
1.585
14.92
75
1.698
16.01
80
1.811
17.10
85
1.925
18.19
90
2.038
19.28
95
2.151
20.36
100
2.264
21.43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com