Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0141CS Datasheet(PDF) 40 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 40 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 36Page - ON Semiconductor AR0141CS Datasheet HTML 37Page - ON Semiconductor AR0141CS Datasheet HTML 38Page - ON Semiconductor AR0141CS Datasheet HTML 39Page - ON Semiconductor AR0141CS Datasheet HTML 40Page - ON Semiconductor AR0141CS Datasheet HTML 41Page - ON Semiconductor AR0141CS Datasheet HTML 42Page - ON Semiconductor AR0141CS Datasheet HTML 43Page - ON Semiconductor AR0141CS Datasheet HTML 44Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
AR0141CS
www.onsemi.com
40
Table 22.
I/O FALL SLEW RATE (2.8 V VDD_IO) (continued)
Parallel Slew Rate
(R0x306E[15:13])
Units
Max
Typ
Min
Conditions
3
Default
0.48
0.81
1.23
V/ns
2
Default
0.4
0.67
1.03
V/ns
1
Default
0.31
0.52
0.79
V/ns
0
Default
0.21
0.35
0.54
V/ns
1. 30pf loads at nominal voltages.
Table 23.
I/O RISE SLEW RATE (1.8 V VDD_IO)
Parallel Slew Rate
(R0x306E[15:13])
Conditions
Min
Typ
Max
Units
7
Default
0.32
0.51
0.85
V/ns
6
Default
0.28
0.44
0.75
V/ns
5
Default
0.25
0.4
0.68
V/ns
4
Default
0.23
0.36
0.6
V/ns
3
Default
0.2
0.31
0.51
V/ns
2
Default
0.17
0.26
0.41
V/ns
1
Default
0.13
0.2
0.32
V/ns
0
Default
0.09
0.13
0.21
V/ns
1. 30pf loads at nominal voltages.
Table 24.
I/O FALL SLEW RATE (1.8 V VDD_IO)
Parallel Slew Rate
(R0x306E[15:13])
Conditions
Min
Typ
Max
Units
7
Default
0.32
0.53
0.87
V/ns
6
Default
0.28
0.47
0.77
V/ns
5
Default
0.26
0.43
0.71
V/ns
4
Default
0.24
0.39
0.64
V/ns
3
Default
0.21
0.34
0.56
V/ns
2
Default
0.18
0.29
0.47
V/ns
1
Default
0.14
0.22
0.36
V/ns
0
Default
0.1
0.16
0.25
V/ns
2. 30pf loads at nominal voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com