Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0141CS Datasheet(PDF) 32 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 32 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 28Page - ON Semiconductor AR0141CS Datasheet HTML 29Page - ON Semiconductor AR0141CS Datasheet HTML 30Page - ON Semiconductor AR0141CS Datasheet HTML 31Page - ON Semiconductor AR0141CS Datasheet HTML 32Page - ON Semiconductor AR0141CS Datasheet HTML 33Page - ON Semiconductor AR0141CS Datasheet HTML 34Page - ON Semiconductor AR0141CS Datasheet HTML 35Page - ON Semiconductor AR0141CS Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
AR0141CS
www.onsemi.com
32
Single READ from Random Location
This sequence (Figure 34) starts with a dummy WRITE to
the 16−bit address that is to be used for the READ. The
master terminates the WRITE by generating a restart
condition. The master then sends the 8−bit read slave
address/data direction byte and clocks out one byte of
register data. The master terminates the READ by
generating a no−acknowledge bit followed by a stop
condition. Figure 34 shows how the internal register address
maintained by the AR0141CS is loaded and incremented as
the sequence proceeds.
Figure 34. Single READ from Random Location
Previous Reg Address, N
Reg Address, M
M+1
S0
1
P
A
Sr
Slave
Address
Reg
Address[15:8]
Reg
Address[7:0]
Slave Address
S = Start Condition
P = Stop Condition
Sr = Restart Condition
A = Acknowledge
A = No-acknowledge
Slave to Master
Master to Slave
A
A
A
A
Read Data
Single READ from Current Location
This sequence (Figure 35) performs a read using the
current value of the AR0141CS internal register address.
The master terminates the READ by generating a
no−acknowledge bit followed by a stop condition. The
figure shows two independent READ sequences.
Figure 35. Single READ from Current Location
Slave Address
1
S
A
Read Data
Slave Address
A
1
S
P
Read Data
P
Previous Reg Address, N
Reg Address, N+1
N+2
A
A
Sequential READ, Start from Random Location
This sequence (Figure 36) starts in the same way as the
single READ from random location (Figure 34). Instead of
generating a no−acknowledge bit after the first byte of data
has been transferred, the master generates an acknowledge
bit and continues to perform byte READs until “L” bytes
have been read.
Figure 36. Sequential READ, Start from Random Location
Previous Reg Address, N
Reg Address, M
S0
Slave Address
A
A
Reg Address[15:8]
P
A
M+1
A
A
A
1
Sr
Reg Address[7:0]
Read Data
Slave Address
M+L
M+L−1
M+L−2
M+1
M+2
M+3
A
Read Data
A
Read Data
A
Read Data
Read Data
Sequential READ, Start from Current Location
This sequence (Figure 37) starts in the same way as the
single READ from current location (Figure 35). Instead of
generating a no−acknowledge bit after the first byte of data
has been transferred, the master generates an acknowledge
bit and continues to perform byte READs until “L” bytes
have been read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com