Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0141CS Datasheet(PDF) 43 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 43 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 39Page - ON Semiconductor AR0141CS Datasheet HTML 40Page - ON Semiconductor AR0141CS Datasheet HTML 41Page - ON Semiconductor AR0141CS Datasheet HTML 42Page - ON Semiconductor AR0141CS Datasheet HTML 43Page - ON Semiconductor AR0141CS Datasheet HTML 44Page - ON Semiconductor AR0141CS Datasheet HTML 45Page - ON Semiconductor AR0141CS Datasheet HTML 46Page - ON Semiconductor AR0141CS Datasheet HTML 47Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
AR0141CS
www.onsemi.com
43
Table 31.
SLVS ELECTRICAL DC SPECIFICATION (continued)
Parameter
Unit
Max
Typ
Min
Symbol
Common−mode AC Voltage (pk) without VCM
cap Termination
VCM_AC
50
mV
Common−mode AC Voltage (pk) with VCM Cap
Termination
VCM_AC
30
mV
Maximum Overshoot Peak |VOD|
VOD_AC
1.3 × |VOD|
V
Maximum Overshoot Vdiff pk−pk
Vdiff_pkpk
2.6 × OD
V
Single−ended Output Impedance
RO
35
50
70
Ω
Output Impedance Mismatch
ΔRO
20
%
Table 32.
SLVS ELECTRICAL TIMING SPECIFICATION
Parameter
Symbol
Min
Max
Unit
Data Rate (Note 1)
1/UI
280
600
Mbps
Bitrate Period (Note 1)
tPW
1.43
3.57
ns
Max Setup Time from Transmitter (Note 1, 2)
tPRE
0.3
UI
Max Hold Time from Transmitter (Note 1, 2)
tPOST
0.3
UI
Eye Width (Note 1, 2)
tEYE
0.6
UI
Data Total Jitter (pk−pk) @1e−9 (Note 1, 2)
tTOTALJIT
0.2
UI
Clock Period Jitter (RMS) (Note 2)
tCKJIT
50
ps
Clock Cycle−to−Cycle Jitter (RMS) (Note 2)
tCYCJIT
100
ps
Rise Time (20% − 80%) (Note 3)
tR
150ps
0.25
UI
Fall Time (20% − 80%) (Note 3)
tF
150ps
0.25
UI
Clock Duty Cycle (Note 2)
DCYC
45
55
%
Mean Clock to Data Skew (Note 1, 4)
tCHSKEW
−0.1
0.1
UI
PHY−to−PHY Skew (Note 1, 5)
tPHYSKEW
2.1
UI
Mean Differential Skew (Note 6)
tDIFFSKEW
−100
100
ps
1. One UI is defined as the normalized mean time between one edge and the following edge of the clock.
2. Taken from the 0V crossing point with the DLL off.
3. Also defined with a maximum loading capacitance of 10 pF on any pin. The loading capacitance may also need to be less for higher bitrates
so the rise and fall times do not exceed the maximum 0.3 UI.
4. The absolute mean skew between the Clock lane and any Data Lane in the same PHY between any edges.
5. The absolute skew between any Clock in one PHY and any Data lane in any other PHY between any edges.
6. Differential skew is defined as the skew between complementary outputs. It is measured as the absolute time between the two
complementary edges at mean VCM point. Note that differential skew also is related to the
?VCM_AC spec, which also must not be exceeded.
Figure 46. Differential Output Voltage for Clock or Data Pairs
0V Diff)
VDIFFmax
VDIFFmin
Output Signal is ’Cp − Cn’ or ’Dp − Dn’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com