Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0141CS Datasheet(PDF) 13 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 9Page - ON Semiconductor AR0141CS Datasheet HTML 10Page - ON Semiconductor AR0141CS Datasheet HTML 11Page - ON Semiconductor AR0141CS Datasheet HTML 12Page - ON Semiconductor AR0141CS Datasheet HTML 13Page - ON Semiconductor AR0141CS Datasheet HTML 14Page - ON Semiconductor AR0141CS Datasheet HTML 15Page - ON Semiconductor AR0141CS Datasheet HTML 16Page - ON Semiconductor AR0141CS Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
AR0141CS
www.onsemi.com
13
PIXEL SENSITIVITY
Figure 14. Integration Control in ERS Readout
Row Reset
(Start of Integration)
Row Readout
Row Integration
(TINTEGRATION)
A pixel’s integration time is defined by the number of
clock periods between a row’s reset and read operation. Both
the read followed by the reset operations occur within a row
period (TROW) where the read and reset may be applied to
different rows. The read and reset operations will be applied
to the rows of the pixel array in a consecutive order.
The coarse integration time is defined by the number of
row periods (TROW) between a row’s reset and the row read.
The row period is defined as the time between row read
operations (see Sensor Frame Rate).
TCOARSE + TROW
coarse_integration_time
(eq. 1)
Figure 15. Example of 8.33 ms Integration in 16.6 ms Frame
Vertical Blanking
Read
Reset
Vertical Blanking
TCOARSE = coarse_integration_time x TROW
8.33 ms = 563 rows x 22.2 μs/row
TFRAME = frame_length_lines x TROW
16.6 ms = 750 rows x 22.22 μs/row
Figure 16. Row Read and Row Reset Showing Fine Integration
TROW = line_length_pck × (1/CLK_PIX)
TFINE = fine_integration_time × (1/CLK_PIX)
Start of Read Row N + 1
and Reset Row K + 1
Start of Read Row N
and Reset Row K
Read Row N
Reset Row K
TFINE + fine_integration_time clk_pix
(eq. 2)
The maximum allowed value for fine_integration_time is:
line_length_pck * fine_integration_time_max_margin
(eq. 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com