Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0141CS Datasheet(PDF) 15 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 15 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 11Page - ON Semiconductor AR0141CS Datasheet HTML 12Page - ON Semiconductor AR0141CS Datasheet HTML 13Page - ON Semiconductor AR0141CS Datasheet HTML 14Page - ON Semiconductor AR0141CS Datasheet HTML 15Page - ON Semiconductor AR0141CS Datasheet HTML 16Page - ON Semiconductor AR0141CS Datasheet HTML 17Page - ON Semiconductor AR0141CS Datasheet HTML 18Page - ON Semiconductor AR0141CS Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
AR0141CS
www.onsemi.com
15
GAIN STAGES
The sensor analog gain stage will apply the same analog
gain to each color channel. Digital gain can be configured to
separate levels for each color channel.
The level of analog gain applied is controlled by the
coarse_gain and fine_gain at R0x3060 analog gain register.
The analog readout circuitry can be configured differently
for each analog gain level. Total analog gain is (2coarse_gain)
× (1 + fine_gain / 16), where coarse_gain = R0x3060[6:4],
fine_gain = R0x3060[3:0].
ON Semiconductor recommends limiting maximum analog
gain up to 12x gain for optimal image quality.
Each digital gain can be configured from a gain of 0 to
15.992 using R0x3056, R0x3058, R0x305A, R0x305C, and
R0x305E digital gain registers. The digital gain supports
128 gain steps per 6dB of gain. The format of each digital
gain register is “xxxx.yyyyyyy” where “xxxx” refers an
integer gain of 1 to 15 and “yyyyyyy” is a fractional gain
ranging from 0/128 to 127/128.
The sensor includes a digital dithering feature to reduce
quantization noise resulting from using digital gain. It can be
implemented by setting R0x30BA[5] to 1. The default value
is 0.
DATA PEDESTALS
The data pedestal is a constant offset that is added to pixel
values at the end of the datapath. The default offset is 168
and is a 12−bit offset. This offset matches the maximum
range used by the corrections in the digital readout path. The
purpose of the data pedestal is to convert negative values
generated by the digital datapath into positive output data.
RESET
The AR0141CS may be reset by the RESET_BAR pin
(active LOW) or the reset register.
Hard Reset of Logic
The host system can reset the image sensor by bringing the
RESET_BAR pin to a LOW state. Alternatively, the
RESET_BAR pin can be connected to an external RC circuit
for simplicity. Registers written via the two−wire interface
will not be preserved following a hard reset.
Soft Reset of Logic
Soft reset of logic is controlled by the R0x301A Reset
register. Bit 0 is used to reset the digital logic of the sensor.
Furthermore, by asserting the soft reset, the sensor aborts the
current frame it is processing and starts a new frame. This bit
is a self−resetting bit and also returns to “0” during two−wire
serial interface reads.
CLOCKS
The AR0141CS requires one clock input (EXTCLK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com