Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0141CS Datasheet(PDF) 9 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 5Page - ON Semiconductor AR0141CS Datasheet HTML 6Page - ON Semiconductor AR0141CS Datasheet HTML 7Page - ON Semiconductor AR0141CS Datasheet HTML 8Page - ON Semiconductor AR0141CS Datasheet HTML 9Page - ON Semiconductor AR0141CS Datasheet HTML 10Page - ON Semiconductor AR0141CS Datasheet HTML 11Page - ON Semiconductor AR0141CS Datasheet HTML 12Page - ON Semiconductor AR0141CS Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
AR0141CS
www.onsemi.com
9
Figure 7. RGB−IR Pixel Color Pattern Detail (Top Right Corner) − AR0141IR
IR
B
IR
B
IR
B
R
G
R
G
R
G
R
G
R
G
R
G
R
G
R
G
R
G
R
G
R
G
R
G
B
B
B
B
B
B
B
B
B
Column Readout Direction
Active Pixel (0, 0)
Array Pixel (0, 0)
…
IR
IR
IR
IR
IR
IR
IR
IR
IR
Differentiation from AR0141CS
The AR0141IR can be electrically differentiated from the
AR0141CS by reading bits 11:9 in R0x31FA. The
AR0141IR contains a unique value of 4 in these bits. It is
necessary to set R0x301A[5] = 1 prior to reading
R0x31FA[11:9].
Default Readout Order
By convention, the sensor core pixel array is shown with
pixel (0,0) in the top right corner (see Figure 6). This reflects
the actual layout of the array on the die. Also, the first pixel
data read out of the sensor in default condition is that of pixel
(0, 0).
When the sensor is imaging, the active surface of the
sensor faces the scene as shown in Figure 8. When the image
is read out of the sensor, it is read one row at a time, with the
rows and columns sequenced as shown in Figure 8.
Figure 8. Imaging a Scene
Lens
Pixel (0,0)
Order
Column Readout Order
Scene
Sensor (rear view)
Readout
Row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com