Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0141CS Datasheet(PDF) 1 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 1 Page - ON Semiconductor

  AR0141CS Datasheet HTML 1Page - ON Semiconductor AR0141CS Datasheet HTML 2Page - ON Semiconductor AR0141CS Datasheet HTML 3Page - ON Semiconductor AR0141CS Datasheet HTML 4Page - ON Semiconductor AR0141CS Datasheet HTML 5Page - ON Semiconductor AR0141CS Datasheet HTML 6Page - ON Semiconductor AR0141CS Datasheet HTML 7Page - ON Semiconductor AR0141CS Datasheet HTML 8Page - ON Semiconductor AR0141CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
© Semiconductor Components Industries, LLC, 2015
October, 2017 − Rev. 7
1
Publication Order Number:
AR0141CS/D
AR0141CS
1/4‐inch Digital Image
Sensor
Description
The ON Semiconductor AR0141CS is a 1/4−inch CMOS digital
image sensor with an active−pixel array of 1280 H x 800 V. It captures
images in linear mode, with a rolling−shutter readout. It includes
sophisticated camera functions such as in−pixel binning, windowing
and both video and single frame modes. It is designed for low light
scene performance. It is programmable through a simple two−wire
serial interface. The AR0141CS produces extraordinarily clear, sharp
digital pictures, and its ability to capture both continuous video and
single frames makes it the perfect choice for a wide range of
applications, including surveillance and HD video.
Table 1. KEY PERFORMANCE PARAMETERS
Parameter
Typical Value
Optical Format
1/4-inch
Active Pixels
1280 (H) × 800 (V) (Entire Array)
Pixel Size
3.0 mm × 3.0 mm
Color Filter Array
RGB Bayer, Monochrome, RGB−IR
Shutter Type
Electronic Rolling Shutter and GRR
Input Clock Range
6 – 50 MHz
Output Clock Maximum
148.5 Mp/s (4−lane HiSPi)
74.25 Mp/s (Parallel)
Output
Serial
Parallel
HiSPi, 12−bit
10-, 12-bit
Frame Rate
720p
60 fps
Responsivity
4.0 V/lux−sec
SNRMAX
41 dB
Maximum Dynamic Range
Up to 79 dB
Supply Voltage
I/O
Digital
Analog
HiSPi
1.8 or 2.8 V
1.8 V
2.8 V
0.3 V − 0.6 V, 1.7 V − 1.9 V
Power Consumption (Typical)
326 mW (Linear Mode
1280 x 720 60 fps)
Operating Temperature (Ambient) TA –30°C to +70°C
Package Options
9 x 9 mm 63−ball iBGA
www.onsemi.com
Features
• Superior Low-light Performance
• Latest 3.0 mm Pixel with ON Semiconductor
DR−Pix Technology
• Linear Range Capture
• 1.0 Mp and 720p (16:9) Images
• Support for External Mechanical Shutter
• Support for External LED or Xenon Flash
• On−chip Phase−locked Loop (PLL)
Oscillator
• Integrated Position−based Color and Lens
Shading Correction
• Slave Mode for Precise Frame−rate Control
• Stereo/3D Camera Support
• Statistics Engine
• Data Interfaces: Four−lane Serial
High−speed Pixel Interface (HiSPi)
Differential signaling (SLVS and HiVCM),
or Parallel
• Auto Black Level Calibration
• High−speed Context Switching
• Temperature Sensor
Applications
• Video Surveillance
• Scanning
• Industrial
• Stereo Vision
• 720p60 Video Applications
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
IBGA63 9 y 9
CASE 503AH


Similar Part No. - AR0141CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0141CS ONSEMI-AR0141CS Datasheet
2Mb / 64P
1/4-Inch Digital Image Sensor
Rev. 6, 4/16 EN
AR0141CS2C00SUEA0-DP ONSEMI-AR0141CS2C00SUEA0-DP Datasheet
1Mb / 63P
Inch Digital Image Sensor
Rev. D Pub. 6/15 EN
AR0141CS2C00SUEA0-DP ONSEMI-AR0141CS2C00SUEA0-DP Datasheet
2Mb / 64P
1/4-Inch Digital Image Sensor
Rev. 6, 4/16 EN
AR0141CS2C00SUEA0-DR ONSEMI-AR0141CS2C00SUEA0-DR Datasheet
1Mb / 63P
Inch Digital Image Sensor
Rev. D Pub. 6/15 EN
AR0141CS2C00SUEA0-DR ONSEMI-AR0141CS2C00SUEA0-DR Datasheet
2Mb / 64P
1/4-Inch Digital Image Sensor
Rev. 6, 4/16 EN
More results

Similar Description - AR0141CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0135CS ONSEMI-AR0135CS Datasheet
230Kb / 27P
1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
July, 2016 ??Rev. 4
AR0141CS ONSEMI-AR0141CS Datasheet
2Mb / 64P
1/4-Inch Digital Image Sensor
Rev. 6, 4/16 EN
ASX340AT ONSEMI-ASX340AT_16 Datasheet
1Mb / 54P
1/4?릋nch Color CMOS NTSC/PAL Digital Image SOC
October, 2016 ??Rev. 10
AR0130CS ONSEMI-AR0130CS Datasheet
389Kb / 39P
1/3?릋nch CMOS Digital Image Sensor
May, 2017 ??Rev. 13
AR0134CS ONSEMI-AR0134CS Datasheet
259Kb / 29P
1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
March, 2017 ??Rev. 9
AR0230CS ONSEMI-AR0230CS_17 Datasheet
181Kb / 24P
1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
August, 2017 ??Rev.11
AR0330CM ONSEMI-AR0330CM Datasheet
501Kb / 53P
1/3?릋nch CMOS Digital Image Sensor
March, 2017 ??Rev. 18
MT9F002 ONSEMI-MT9F002_17 Datasheet
661Kb / 61P
1/2.3?릋nch 14 Mp CMOS Digital Image Sensor
September, 2017 ??Rev. 11
MT9M021 ONSEMI-MT9M021_17 Datasheet
242Kb / 23P
1/3?릋nch CMOS Digital Image Sensor
January, 2017 ??Rev. 10
MT9M131 ONSEMI-MT9M131_17 Datasheet
299Kb / 50P
1/3?릋nch SOC 1.3Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com