Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0141CS Datasheet(PDF) 5 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 5 Page - ON Semiconductor

  AR0141CS Datasheet HTML 1Page - ON Semiconductor AR0141CS Datasheet HTML 2Page - ON Semiconductor AR0141CS Datasheet HTML 3Page - ON Semiconductor AR0141CS Datasheet HTML 4Page - ON Semiconductor AR0141CS Datasheet HTML 5Page - ON Semiconductor AR0141CS Datasheet HTML 6Page - ON Semiconductor AR0141CS Datasheet HTML 7Page - ON Semiconductor AR0141CS Datasheet HTML 8Page - ON Semiconductor AR0141CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
AR0141CS
www.onsemi.com
5
Figure 3. Typical Configuration: Parallel Pixel Data Interface
VAA_PIX
VAA
VDD_PLL
VDD
VDD_IO
From Controller
Master Clock
(6 − 50 MHz)
Digital
I/O
Power1
Digital
Core
Power1
PLL
Power1
Analog
Power1
SDATA
SADDR
SCLK
TRIGGER
OE_BAR
RESET_BAR
TEST
DOUT [11:0]
PIXCLK
FRAME_VALID
LINE_VALID
Analog
Power1
DGND
AGND
Digital
Ground
Analog
Ground
VAA VAA_PIX
VDD_PLL
VDD_IO VDD
EXTCLK
To Controller
Notes:
1. All power supplies must be adequately decoupled.
2. ON Semiconductor recommends a resistor value of 1.5 kW, but a greater value may be used for slower two−wire speed.
3. The serial interface output pads and VDD_SLVS can be left unconnected if the parallel output interface is used.
4. ON Semiconductor recommends that 0.1 mF and 10 mF decoupling capacitors for each power supply are mounted as
close as possible to the pad. Actual values and results may vary depending on layout and design considerations.
Check the AR0141CS demo headboard schematics for circuit recommendations.
5. ON Semiconductor recommends that analog power planes are placed in a manner such that coupling with the digital
power planes is minimized.
6. I/O signals voltage must be configured to match VDD_IO voltage to minimize any leakage current.
7. The EXTCLK input is limited to 6−50 MHz.
SHUTTER
FLASH
Table 3. BALL DESCRIPTIONS, 9 X 9 MM, 63−BALL iBGA
Name
iBGA Pin
Type
Description
SLVS0_N
A2
Output
HiSPi serial data, lane 0, differential N
SLVS0_P
A3
Output
HiSPi serial data, lane 0, differential P
SLVS1_N
A4
Output
HiSPi serial data, lane 1, differential N
SLVS1_P
A5
Output
HiSPi serial data, lane 1, differential P
STANDBY
A8
Input
Standby (active high)
VDD_PLL
B1
Power
PLL power
SLVSC_N
B2
Output
HiSPi serial DDR clock differential N
SLVSC_P
B3
Output
HiSPi serial DDR clock differential P
SLVS2_N
B4
Output
HiSPi serial data, lane 2, differential N
SLVS2_P
B5
Output
HiSPi serial data, lane 2, differential P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com