Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0141CS Datasheet(PDF) 37 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 37 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 33Page - ON Semiconductor AR0141CS Datasheet HTML 34Page - ON Semiconductor AR0141CS Datasheet HTML 35Page - ON Semiconductor AR0141CS Datasheet HTML 36Page - ON Semiconductor AR0141CS Datasheet HTML 37Page - ON Semiconductor AR0141CS Datasheet HTML 38Page - ON Semiconductor AR0141CS Datasheet HTML 39Page - ON Semiconductor AR0141CS Datasheet HTML 40Page - ON Semiconductor AR0141CS Datasheet HTML 41Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
AR0141CS
www.onsemi.com
37
ELECTRICAL SPECIFICATIONS
Unless otherwise stated, the following specifications
apply under the following conditions:
VDD = 1.8 V – 0.10 / +0.15; VDD_IO = VDD_PLL = VAA =
VAA_PIX = 2.8 V ± 0.3 V;
VDD_SLVS = 0.4 V – 0.1/+0.2; TA = −30°C to +85°C;
output load = 10pF; frequency = 74.25 MHz; HiSPi off.
Two−Wire Serial Register Interface
The electrical characteristics of the two−wire serial
register interface (SCLK, SDATA) are shown in Figure 44 and
Table 18.
Figure 44. Two-Wire Serial Bus Timing Parameters
S
Sr
tSU;STO
tSU;STA
tHD;STA
tHIGH
tLOW
tSU;DAT
tHD;DAT
tf
SDATA
SCLK
P
S
tBUF
tr
tf
tr
tHD;STA
Note: Read sequence: For an 8-bit READ, read waveforms start after WRITE command and register address are issued.
Table 18.
TWO−WIRE SERIAL BUS CHARACTERISTICS
(fEXTCLK = 27 MHz; VDD = 1.8 V; VDD_IO = 2.8 V; VAA = 2.8 V; VAA_PIX = 2.8 V; VDD_PLL = 2.8 V; VDD_DAC = 2.8 V; TA = 25°C)
Parameter
Symbol
Standard Mode
Fast Mode
Unit
Min
Max
Min
Max
SCLK Clock Frequency
fSCL
0
100
0
400
KHz
Hold Time (Repeated) START Condition
After this Period, the First Clock Pulse is Generated
tHD;STA
4.0
−
0.6
−
μs
LOW Period of the SCLK Clock
tLOW
4.7
−
1.3
−
μs
HIGH Period of the SCLK Clock
tHIGH
4.0
−
0.6
−
μs
Set−up Time for a Repeated START Condition
tSU;STA
4.7
−
0.6
−
μS
Data Hold Time
tHD;DAT
0
(Note 4)
3.45
(Note 5)
0
(Note 6)
0.9
(Note 5)
μs
Data Set−up Time
tSU;DAT
250
−
100
(Note 6)
−
ns
Rise Time of both SDATA and SCLK Signals
tr
−
1000
20 + 0.1Cb
(Note 7)
300
ns
Fall Time of both SDATA and SCLK Signals
tf
−
300
20 + 0.1Cb
(Note 7)
300
ns
Set−up Time for STOP Condition
tSU;STO
4.0
−
0.6
−
μs
Bus Free Time between a STOP and START Condition
tBUF
4.7
−
1.3
−
μs
Capacitive Load for Each Bus Line
Cb
−
400
−
400
pF
Serial Interface Input Pin Capacitance
CIN_SI
−
3.3
−
3.3
pF
SDATA Max Load Capacitance
CLOAD_SD
−
30
−
30
pF
SDATA Pull−up Resistor
RSD
1.5
4.7
1.5
4.7
kΩ
1. This table is based on I2C standard (v2.1 January 2000). ON Semiconductor.
2. Two−wire control is I2C−compatible.
3. All values referred to VIHmin = 0.9 VDD and VILmax = 0.1VDD levels. Sensor EXCLK = 27 MHz.
4. A device must internally provide a hold time of at least 300 ns for the SDATA signal to bridge the undefined region of the falling edge of SCLK.
5. The maximum tHD;DAT has only to be met if the device does not stretch the LOW period (tLOW) of the SCLK signal.
6. A Fast−mode I2C−bus device can be used in a Standard−mode I2C−bus system, but the requirement tSU;DAT 250 ns must then be met.
This will automatically be the case if the device does not stretch the LOW period of the SCLK signal. If such a device does stretch the LOW
period of the SCLK signal, it must output the next data bit to the SDATA line tr max + tSU;DAT = 1000 + 250 = 1250 ns (according to the
Standard−mode I2C−bus specification) before the SCLK line is released.
7. Cb = total capacitance of one bus line in pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com