Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0141CS Datasheet(PDF) 41 Page - ON Semiconductor

Part # AR0141CS
Description  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 41 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 37Page - ON Semiconductor AR0141CS Datasheet HTML 38Page - ON Semiconductor AR0141CS Datasheet HTML 39Page - ON Semiconductor AR0141CS Datasheet HTML 40Page - ON Semiconductor AR0141CS Datasheet HTML 41Page - ON Semiconductor AR0141CS Datasheet HTML 42Page - ON Semiconductor AR0141CS Datasheet HTML 43Page - ON Semiconductor AR0141CS Datasheet HTML 44Page - ON Semiconductor AR0141CS Datasheet HTML 45Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
AR0141CS
www.onsemi.com
41
DC Electrical Characteristics
The DC electrical characteristics are shown in the tables
below.
Table 25.
DC ELECTRICAL CHARACTERISTIC
Symbol
Definition
Condition
Min
Typ
Max
Unit
VDD
Core digital voltage
1.7
1.8
1.95
V
VDD_IO
I/O digital voltage
1.7/2.5
1.8/2.8
1.9/3.1
V
VAA
Analog voltage
2.5
2.8
3.1
V
VAA_PIX
Pixel supply voltage
2.5
2.8
3.1
V
VDD_PLL
PLL supply voltage
2.5
2.8
3.1
V
VDD_SLVS
HiSPi supply voltage
0.3
0.4
0.6
V
VIH
Input HIGH voltage
VDD_IO × 0.7
–
–
V
VIL
Input LOW voltage
–
–
VDD_IO × 0.3
V
IIN
Input leakage current
No pull−up resistor;
VIN = VDD_IO or DGND
20
–
–
μA
VOH
Output HIGH voltage
VDD_IO − 0.3
–
–
V
VOL
Output LOW voltage
–
–
0.4
V
IOH
Output HIGH current
At specified VOH
−22
–
–
mA
IOL
Output LOW current
At specified VOL
–
–
22
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Table 26.
ABSOLUTE MAXIMUM RATINGS
Symbol
Definition
Condition
Typ
Max
Unit
VDD_MAX
Core digital voltage
–0.3
2.4
V
VDD_IO_MAX
I/O digital voltage
–0.3
4
V
VAA_MAX
Analog voltage
–0.3
4
V
VAA_PIX
Pixel supply voltage
–0.3
4
V
VDD_PLL
PLL supply voltage
–0.3
4
V
VDD_SLVS_MAX
HiSPi I/O digital voltage
–0.3
2.4
V
tST
Storage temperature
–40
150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 27.
OPERATING CURRENT CONSUMPTION IN PARALLEL OUTPUT AND LINEAR MODE
Definition
Condition
Symbol
Min
Typ
Max
Unit
Digital Operating Current
Streaming,1280x720 60 fps
IDD1
–
137
160
mA
I/O Digital Operating Current
Streaming,1280x720 60 fps
IDD_IO
–
15
25
mA
Analog Operating Current
Streaming,1280x720 60 fps
IAA
–
20
30
mA
Pixel Supply Current
Streaming,1280x720 60 fps
IAA_PIX
–
1.5
3
mA
PLL Supply Current
Streaming,1280x720 60 fps
IDD_PLL
–
4
8
mA
1. Operating currents are measured at the following conditions:
VAA = VAA_PIX = VDD_PLL = 2.8 V
VDD = VDD_IO = 1.8 V; CLOAD = 68pF
PLL Enabled and PIXCLK = 74.25 MHz
1x analog gain, 0.36 ms integration time, 60 fps, dark conditions
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com