Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 47 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 43Page - STMicroelectronics L9680 Datasheet HTML 44Page - STMicroelectronics L9680 Datasheet HTML 45Page - STMicroelectronics L9680 Datasheet HTML 46Page - STMicroelectronics L9680 Datasheet HTML 47Page - STMicroelectronics L9680 Datasheet HTML 48Page - STMicroelectronics L9680 Datasheet HTML 49Page - STMicroelectronics L9680 Datasheet HTML 50Page - STMicroelectronics L9680 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 277 page
background image
DocID029257 Rev 1
47/277
L9680
Start-up and power control
276
6.8
SATBUCK regulator
The SATBUCK regulator provides a nominal 7.2 V regulated output voltage at startup for the
remote satellite and wheel speed interface circuitry and the VCC buck regulator. The buck
regulator is enabled automatically by the power control state machine. This regulator is
protected against short circuits. Should the user need a higher voltage range for the remote
sensor interface, a specific SPI command allows the output voltage to be increased at 9 V
nominal by setting the SAT_V bit. Fault status is available through SPI in the Fault Status
Register (FLTSR). The buck converter operates at 1.882 MHz allowing the user to select
smaller less expensive external components. Moreover, the synchronous buck regulator
integrates the external recirculation diode.
Figure 22. SATBUCK regulator state diagram
6.9
VCC buck regulator
The VCC buck regulator also operates at 1.882 MHz and is user selectable to either 3.3 V or
5 V nominal output voltage. The user can select the output voltage through the VCCSEL
pin. To select 5 V operation, the user must bias VCCSEL to a level higher than
VTH2_H_VCCSEL for instance SyncBoost. For 3.3 V operation, the VCCSEL pin must be
biased to a level lower than VTH2_L_VCCSEL. An internal weak pull down is connected to
VCCSEL to ensure the input remains at ground potential in case of open pin. The internal
power control state machine will read the VCCSEL input pin and latch the resulting state
upon the SATBUCK voltage reaches the good value (SATBUCK_OK = 1). Upon latching the
VCCSEL state, the VCC buck regulator cannot be changed by the user.
The VCC regulator has over and under voltage detections and shutdown capability and it is
also protected against short circuits. During start-up an internal pull up current is enabled in
order to detect a potential VCC pin open fault trough the over voltage detection. This pull up
current is disabled once in VCC_ON or VCC_SHUTDOWN states. During normal operation,
VCC_ON state, the VCC pin open fault is quickly detected through the Under Voltage
Detection Low to prevent any MCU damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com