Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 67 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 63Page - STMicroelectronics L9680 Datasheet HTML 64Page - STMicroelectronics L9680 Datasheet HTML 65Page - STMicroelectronics L9680 Datasheet HTML 66Page - STMicroelectronics L9680 Datasheet HTML 67Page - STMicroelectronics L9680 Datasheet HTML 68Page - STMicroelectronics L9680 Datasheet HTML 69Page - STMicroelectronics L9680 Datasheet HTML 70Page - STMicroelectronics L9680 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 277 page
background image
DocID029257 Rev 1
67/277
L9680
SPI interfaces
276
Global SPI read/write register
7.3.1
Fault status register (FLTSR)
ID:
00
Type:
R
Read:
0000
Write:
-
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
X
XXXXXXXXXXXXXXX
MISO
WD2 retry cnt
ERCHARGE_OT
0
-
-
ER charge over temperature bit
Set when over-temp condition detected, cleared on SPI read or POR=1
0 No Fault
1 Fault
MCUFLT_TEST
1
1
1 MCU FAULT test mode - reflects MCU_FLT_TM signal state
0 MCU FLT TM=0
1 MCU FLT TM=1
ERBST_OT
0
-
-
ER Boost over-temperature bit
Set when over-temp condition detected, cleared on SPI read or POR=1
0 No Fault
1 Fault
CLKFRERR
0
-
-
Internal oscillator cross-check error bit
Set when osc. error detected, cleared on SPI read or SUPPLY_POR=1
0 No Fault
1 Fault
WD2_retry_cnt[3:0]
$0
$0
$0 Value of WD2 retry counter
OTPCRC_ERR
0
-
-
OTP CRC error bit
Set when OTP error detected (tested at release of POR), cleared by POR=1
0 No Fault
1 Fault
WD2_LO
0
0
-
WD2 lockout - reflects WD2 lockout state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com