Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 9Page - STMicroelectronics L9680 Datasheet HTML 10Page - STMicroelectronics L9680 Datasheet HTML 11Page - STMicroelectronics L9680 Datasheet HTML 12Page - STMicroelectronics L9680 Datasheet HTML 13Page - STMicroelectronics L9680 Datasheet HTML 14Page - STMicroelectronics L9680 Datasheet HTML 15Page - STMicroelectronics L9680 Datasheet HTML 16Page - STMicroelectronics L9680 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 277 page
background image
DocID029257 Rev 1
13/277
L9680
Description
276
1
Description
The L9680 is an advanced airbag system chip solution targeted for mature airbag market
and integrated safety markets. This device is family compatible with the L9678 and L9679
devices. Safety system integration is enabled through higher power supply currents and
integrated active wheel speed sensor interface. The active wheel speed interface is shared
with the PSI-5 satellite interface to create a generic remote safety sensor interface
compliant to both systems.
High frequency power supply design allows further cost reduction by using smaller and less
expensive external components. All switching regulators operate at 1.882 MHz while buck
converters have integrated synchronous rectifiers.
Additional attention is given to system integrity and diagnostics. The reserve capacitor is
electrically isolated from the boost regulator by a 65 mA nominal fixed current source,
controlling in-rush an additional capacitor discharge fixed current source is integrated to
diagnose the reserve capacitor value and ESR. The same current sources can be used to
discharge the capacitor at shutdown.
Thanks to low quiescent current, the device can be directly connected to battery. In this way,
the device start-up and shutdown are controlled through the wake-up input function. The
power supply and crossover function are controlled automatically through the internal state
machine.
The user can select both ECU logic voltage (VCC at 3.3 V or 5.0 V) and energy reserve
output voltage (at either 23 V or 33 V). Deployment voltage is set to a maximum of 25 V for
all profiles and can be controlled through external safing switch circuit using the high side
safing switch reference enabled through the system SPI interface or the arming logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com