Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 27Page - STMicroelectronics L9680 Datasheet HTML 28Page - STMicroelectronics L9680 Datasheet HTML 29Page - STMicroelectronics L9680 Datasheet HTML 30Page - STMicroelectronics L9680 Datasheet HTML 31Page - STMicroelectronics L9680 Datasheet HTML 32Page - STMicroelectronics L9680 Datasheet HTML 33Page - STMicroelectronics L9680 Datasheet HTML 34Page - STMicroelectronics L9680 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 277 page
background image
DocID029257 Rev 1
31/277
L9680
Start-up and power control
276
Figure 5. Wake-up input signal behaviour
Condition summary:
1.
No change of sleep mode state but current consumption may exceed specification for
sleep mode.
2.
The sleep mode current returns to within specified limits.
3.
Power supply exits sleep mode. Switchers start operating if applicable voltages exceed
under voltage lockouts. As Twakeup timeout is not elapsed, a low level at WAKEUP
instantaneously sends the system back to sleep.
4.
Sleep reset is released and the entire system starts operating. An SPI command to
enter sleep state would not be executed.
5.
No change in system status, an SPI command to turn off switchers would be ignored.
6.
No change in system status, but an SPI command to turn off switchers would be
accepted and turn the system off.
With the below table, all the functionalities of the device are shown with respect of the power
states. When one function is flagged, the related circuitry cannot be activated on that state.
WAKEUP
t
<1ms
1ms
<1ms
1ms
1
2
3
5
6
10ms
4
SLEEP MODE
ACTIVE MODE
PASSIVE MODE
WU_on
WU_off
WakeUpFilt
t
GAPGPS02251
Table 4. Functions disabling by state
Functions
Power MODE
Power
off
Sleep
Active
Passive
Power
off
Wakeup
monitor
Awake
Startup
Run
Power mode
shutdown
ER
VINGOOD
blanking
Wakeup detector
X
Internal regulators
X
X
ERBOOST regulator
X
X
X
X
SYNCBOOST regulator
X
X
X
ER CAP charge current
X
X
X
X
X
X
ER CAP discharge current
X
X
X
X
X
ER switch
X
X
X
X
X
COVRACT
X
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com