Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 71 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 67Page - STMicroelectronics L9680 Datasheet HTML 68Page - STMicroelectronics L9680 Datasheet HTML 69Page - STMicroelectronics L9680 Datasheet HTML 70Page - STMicroelectronics L9680 Datasheet HTML 71Page - STMicroelectronics L9680 Datasheet HTML 72Page - STMicroelectronics L9680 Datasheet HTML 73Page - STMicroelectronics L9680 Datasheet HTML 74Page - STMicroelectronics L9680 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 277 page
background image
DocID029257 Rev 1
71/277
L9680
SPI interfaces
276
0 Internal
1 External
HI_LEV_DIAG_TIME
0
0
0 Selection of duration of high level squib diagnostics
0 Short time (see high level diag diagram)
1 Long time (see high level diag diagram)
RSU_SYNCPULSE_
SHIFT_CONF
0
0
0 Selection of sync pulses shift duration
0 Long time
1 Short time
SQMEAS
00
00
00 Sample number in DC sensor, squib measurement and temperature
conversions
Updated by SSM_RESET or SPI write
00 8 samples
01 16 samples
10 4 samples
11 2 sample
VMEAS
00
00
00 Sample number in any other voltage measurement conversions
Updated by SSM_RESET or SPI write
00 4 samples
01 16 samples
10 8 samples
11 1 sample
DCS_PAD_V
0
0
0 Passenger inhibit measurement mode
0 Current
1 Voltage
SAFESEL
1
1
1 Safing engine mode select
Updated by SSM_RESET or SPI write
0 Internal safing engine
1 external safing engine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com