Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 22Page - STMicroelectronics L9680 Datasheet HTML 23Page - STMicroelectronics L9680 Datasheet HTML 24Page - STMicroelectronics L9680 Datasheet HTML 25Page - STMicroelectronics L9680 Datasheet HTML 26Page - STMicroelectronics L9680 Datasheet HTML 27Page - STMicroelectronics L9680 Datasheet HTML 28Page - STMicroelectronics L9680 Datasheet HTML 29Page - STMicroelectronics L9680 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 277 page
background image
Overview and block diagram
L9680
26/277
DocID029257 Rev 1
5.7
Other features
One dedicated 32-bit SPI bus for global configuration and control
One dedicated 32-bit SPI bus for remote sensor configuration and control
Microcontroller ‘state of health’ input and control function
Integrated watchdog control with 2 independent structures: windowed WD and
algorithmic WD
Temperature sensor
Independent thermal shutdown protection on the ER boost switch, the SYNC boost
switch, the energy reserve crossover switch, the energy reserve charge paths, the
remote sensor interfaces and the general purpose outputs
All diagnostics are digital and are available through SPI communications
Configurable logic operation, 5 V or 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com