Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 50 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 46Page - STMicroelectronics L9680 Datasheet HTML 47Page - STMicroelectronics L9680 Datasheet HTML 48Page - STMicroelectronics L9680 Datasheet HTML 49Page - STMicroelectronics L9680 Datasheet HTML 50Page - STMicroelectronics L9680 Datasheet HTML 51Page - STMicroelectronics L9680 Datasheet HTML 52Page - STMicroelectronics L9680 Datasheet HTML 53Page - STMicroelectronics L9680 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 277 page
background image
Start-up and power control
L9680
50/277
DocID029257 Rev 1
6.12
Oscillators
The device integrates two trimmed oscillators, both of them with spread spectrum capability
selectable via the CLK_CNF register.
The main oscillator runs at 16 MHz typ and is used to provide clock to the internal
synchronous logic. Moreover, this frequency is divided down by factor 8.5 to generate
clocks for the switching regulators (1.882 MHz typ).
The auxiliary oscillator runs at 7.5 MHz typ and is used to monitor the main oscillator. In
case the main oscillator frequency was lower than fOSC_LOW_TH threshold or higher than
fOSC_HIGH_TH threshold, the condition is detected by the frequency monitor circuit and then
latched into the CLKFRERR flag in the FLTSR register and a POR is issued.
6.13
Reset control
The device provides reset logic to safely control system operation in the event of internal
ECU failures. Several internal reset signals are generated depending on the type of failure
detected. In Figure 25 the voltage monitoring diagram is shown.
Figure 25. Internal voltage monitors
An active low pin output (RESET pin) is driven from the L9680 to allow resetting of external
devices such as the microcontroller, sensors, and other ICs within the ECU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com