Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 83 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 79Page - STMicroelectronics L9680 Datasheet HTML 80Page - STMicroelectronics L9680 Datasheet HTML 81Page - STMicroelectronics L9680 Datasheet HTML 82Page - STMicroelectronics L9680 Datasheet HTML 83Page - STMicroelectronics L9680 Datasheet HTML 84Page - STMicroelectronics L9680 Datasheet HTML 85Page - STMicroelectronics L9680 Datasheet HTML 86Page - STMicroelectronics L9680 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 277 page
background image
DocID029257 Rev 1
83/277
L9680
SPI interfaces
276
7.3.9
Deployment status registers (DSR_x)
Deployment Status Channel 0 (DSR_0)
Deployment Status Channel 1 (DSR_1)
Deployment Status Channel 2 (DSR_2)
Deployment Status Channel 3 (DSR_3)
Deployment Status Channel 5 (DSR_5)
Deployment Status Channel 6 (DSR_6)
Deployment Status Channel 7 (DSR_7)
Deployment Status Channel 8 (DSR_8)
Deployment Status Channel 9 (DSR_9)
Deployment Status Channel A (DSR_A)
Deployment Status Channel B (DSR_B)
ID:
13 (DSR_0)
14 (DSR_1)
15 (DSR_2)
16 (DSR_3)
17 (DSR_4)
18 (DSR_5)
19 (DSR_6)
1A (DSR_7)
1B (DSR_8)
1C (DSR_9)
1D (DSR_A)
1E (DSR_B)
Type:
R
Read:
1300 (DSR_0)
1400 (DSR_1)
1500 (DSR_2)
1600 (DSR_3)
1700 (DSR_4)
1800 (DSR_5)
1900 (DSR_6)
1A00 (DSR_7)
1B00 (DSR_8)
1C00 (DSR_9)
1D00 (DSR_A)
1E00 (DSR_B)
Write:
-
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
MISO
00
0
0
0
DEP_CHx_ExpTimer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com