Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 84 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 80Page - STMicroelectronics L9680 Datasheet HTML 81Page - STMicroelectronics L9680 Datasheet HTML 82Page - STMicroelectronics L9680 Datasheet HTML 83Page - STMicroelectronics L9680 Datasheet HTML 84Page - STMicroelectronics L9680 Datasheet HTML 85Page - STMicroelectronics L9680 Datasheet HTML 86Page - STMicroelectronics L9680 Datasheet HTML 87Page - STMicroelectronics L9680 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 277 page
background image
SPI interfaces
L9680
84/277
DocID029257 Rev 1
CHxDS
0
0
0 Channel x deployment successful
Updated according to Deployment Driver Control Logic
(set when deployment terminates on ch x due to deploy timer timeout,
cleared on SSM_RESET OR when deployment starts on ch x)
0 Deployment not successful
1 Deployment successful
CHxSTAT
0
0
0 Channel x deployment status
Updated according to Deployment Driver Control Logic
(set when deployment starts on ch x, cleared on SSM_RESET OR when
deployment terminates due to deploy timer timeout, LS Over current OR
GND Loss)
0 Deployment not in progress
1 Deployment in progress
DCRxERR
0
0
0 Deployment configuration register error
0 Deploy configuration change accepted and stored in memory
1 Deploy configuration change rejected because deploy is in progress
(or DEP_EXPIRE_TIME changed when in DEP_ENABLED state)
DEP_CHx_ExpTimer[5:0] 0000
00
0000
00
0000
00
Channel x Deployment Expiration Timer value 8ms/count
Updated according to Deployment Driver Control Logic
(Cleared on SSM_RESET OR when Exp Timer times out OR when
SPI_DEPREQx is received while in DEP_ENABLED state AND in ARMING
or SAFING states)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com