Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 52 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 48Page - STMicroelectronics L9680 Datasheet HTML 49Page - STMicroelectronics L9680 Datasheet HTML 50Page - STMicroelectronics L9680 Datasheet HTML 51Page - STMicroelectronics L9680 Datasheet HTML 52Page - STMicroelectronics L9680 Datasheet HTML 53Page - STMicroelectronics L9680 Datasheet HTML 54Page - STMicroelectronics L9680 Datasheet HTML 55Page - STMicroelectronics L9680 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 277 page
background image
SPI interfaces
L9680
52/277
DocID029257 Rev 1
7
SPI interfaces
The L9680 system solution device has many user selectable features controlled through
serial communications by the integrated microcontroller. The device features two SPI
interfaces: one global SPI and one Remote Sensor SPI. The global SPI interface provides
general configuration, control and status functions for the device, while the Remote Sensor
SPI provides dedicated access to Remote Sensor Data and Status Registers.
7.1
SPI protocol
Each SPI interface (Global and Remote Sensor) use their own dedicated set of 4 I/O pins:
CS_G, SCLK_G, MOSI_G and MISO_G for Global SPI; CS_RS, SCLK_RS, MOSI_RS and
MISO_RS for Remote Sensor SPI. Both the SPI interfaces use the same protocol described
here below (the suffix ‘_X’ used in the SPI pin names below is intended to stand for either
‘_G’ or ‘_RS’ depending on the particular SPI interface considered)
The IC SPI interface is composed by an input shift register, an output shift register and four
control signals. MOSI_X is the data input to the input shift register. MISO_X is the data
output from the output shift register. SCLK_X is the clock input used to shift data into the
input shift register or out from the output one while CS_X is the active low chip select input.
All SPI communications are executed in exact 32 bit increments. The general format of the
32 bit transmission for the SPI interface is shown in Table 5.
Data sent to the IC (i.e. MOSI_X) consists of a target read register ID (RID), a target write
register ID (WID), write data parity (WPAR) and 16 bits of data (WRITE). WRITE data is the
data to be written to the target write register indicated by WID. Data returned from the IC
(i.e. MISO_X) consists of a global status word (GSW), read data parity (RPAR) and 20 bits
of data (READ). READ data will be the contents of the target read register as indicated by
the RID bits. The parity bits WPAR and RPAR cover all the 32 bits of the MOSI and MISO
frames, respectively. Odd parity type is used.
The communications is controlled through CS_X, enabling and disabling communication.
When CS_X is at logic high, all SPI communication I/O is tri-stated and no data is accepted.
When CS_X is low, data is latched on the rising edge of SCLK_X and data is shifted on the
falling edge. The MOSI_X pin receives serial data from the master with MSB first. Likewise
for MISO_X, data is read MSB first, LSB last.
The L9680 contains a data validation method through the SCLK_X input to keep
transmissions with not exactly 32 bits from being written to the device. The SCLK_X input
counts the number of received clocks and should the clock counter exceed or count fewer
Table 5.
SPI MOSI and MISO frames layout
SPI register R/W
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
SPI_MOSI
GID
RID[6:0]
WID[6:0]
WPAR
SPI_MISO
GSW[10:0]
RPAR
READ[19:16]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SPI_MOSI
WRITE[15:0]
SPI_MISO
READ[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com