Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 98 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 94Page - STMicroelectronics L9680 Datasheet HTML 95Page - STMicroelectronics L9680 Datasheet HTML 96Page - STMicroelectronics L9680 Datasheet HTML 97Page - STMicroelectronics L9680 Datasheet HTML 98Page - STMicroelectronics L9680 Datasheet HTML 99Page - STMicroelectronics L9680 Datasheet HTML 100Page - STMicroelectronics L9680 Datasheet HTML 101Page - STMicroelectronics L9680 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 277 page
background image
SPI interfaces
L9680
98/277
DocID029257 Rev 1
7.3.28
System diagnostic register (SYSDIAGREQ)
ID:
36
Type:
RW
Read:
3600
Write:
006C
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
X
X
X
X
X
X
X
X
X
X
X
X
DSTEST[3:0]
MISO
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
DSTEST[3:0]
DSTEST[3:0]
0000 0000 0000 Diagnostic State Test selection
Updated by SSM_RESET or SPI write while in DIAG state
0000 = all outputs inactive
0001 = ARM 1 pin active
0010 = ARM 2 pin active
0011 = ARM 3 pin active
0100 = ARM 4 pin active
0101 = PSINHB pin inactive (high)
0110 = VSF regulator active
0111 = HS squib driver FET active
1000 = LS squib driver FET active
1001 = Output deployment timing pulses on ARM1 (separated by 8 ms)
1010 = HS squib driver FET active to test full path (FET switched off by the
comparator used in the deployment current timer monitor)
1011 - 1111 = all outputs inactive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com