Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 49 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 45Page - STMicroelectronics L9680 Datasheet HTML 46Page - STMicroelectronics L9680 Datasheet HTML 47Page - STMicroelectronics L9680 Datasheet HTML 48Page - STMicroelectronics L9680 Datasheet HTML 49Page - STMicroelectronics L9680 Datasheet HTML 50Page - STMicroelectronics L9680 Datasheet HTML 51Page - STMicroelectronics L9680 Datasheet HTML 52Page - STMicroelectronics L9680 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 277 page
background image
DocID029257 Rev 1
49/277
L9680
Start-up and power control
276
6.10
VCOREMON external core voltage monitor
The device includes the possibility to monitor the external core voltage of MCU in case an
additional external regulator is used to provide the 1.2V rail. The internal power control state
machine will read the VCCSEL input pin and latch the resulting state upon the VCCBUCK
regulator enters in the VCC_ON state: if VCCSEL is lower than VTH1_L_VCCSEL the VCORE
monitor will be enabled, otherwise, if VCCSEL is higher than VTH1_H_VCCSEL, the VCORE
monitor will be disabled.
In summary:
VCCSEL < VTH1_L_VCCSEL (VCCSEL shorted to ground), to select VCC = 3.3 V and to
enable the VCORE monitor
VTH1_H_VCCSEL < VCCSEL < VTH2_L_VCCSEL (VCCSEL shorted to VCC), to select
VCC = 3.3 V and to disable the VCORE monitor.
VCCSEL > VTH2_H_VCCSEL (VCCSEL shorted to SYNCBOOST), to select VCC = 5 V
and to disable the VCORE monitor.
The VCORE monitor is enabled once the VCC regulator is in VCC_ON state, therefore the
external MCU core voltage regulator (1.2 V) must reach the regulation within 4ms after the
VCC regulator power-up.
Upon latching the VCCSEL state, the VCOREMON activation cannot be changed by the
user.
In case of VCCSEL open pin, an internal pull down current would force VCCSEL to ground
and then the VCORE monitor will be enabled function.
6.11
VSF regulator and control
The L9680 provides a low current linear regulator that can be used in the system design to
bias the external high side safing switch. The regulator output is 20 V nominal (configurable
to 25 V via SPI command). VSF is enabled if any of the ARMxINT signal is asserted, as
shown in Figure 24. The VSF regulator supply input is ERBOOST.
Figure 24. VSF control logic
VSF voltage can be monitored by the user through the internal ADC. Characteristics for this
function are shown in the electrical performance tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com