Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 92 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 88Page - STMicroelectronics L9680 Datasheet HTML 89Page - STMicroelectronics L9680 Datasheet HTML 90Page - STMicroelectronics L9680 Datasheet HTML 91Page - STMicroelectronics L9680 Datasheet HTML 92Page - STMicroelectronics L9680 Datasheet HTML 93Page - STMicroelectronics L9680 Datasheet HTML 94Page - STMicroelectronics L9680 Datasheet HTML 95Page - STMicroelectronics L9680 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 277 page
background image
SPI interfaces
L9680
92/277
DocID029257 Rev 1
7.3.19
Clock configuration register (CLK_CONF)
ID:
2D
Type:
RW
Read:
2D00
Write:
005A
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-X
X
X
X
X
X
MISO
0
000
0
0
0
0
0
0
VCCBCK_F_SEL[1:0]
00
-
-
VCCBuck switching frequency select
Updated by POR or SPI write
00 1.88 MHz
01 2.13 MHz
10 2.00 MHz
11 2.00 MHz
SATBCK_F_SEL[1:0]
00
-
-
SatBuck switching frequency select
Updated by POR or SPI write
00 1.88 MHz
01 2.13 MHz
10 2.00 MHz
11 2.00 MHz
SYBST_F_SEL[1:0]
00
-
-
Sync Boost switching frequency select
Updated by POR or SPI write
00 1.88 MHz
01 2.13 MHz
10 2.00 MHz
11 2.00 MHz
AUX_SS_DIS
1
-
- Auxiliary oscillator Spread Spectrum disable
Updated by POR or SPI write
0 Spread Spectrum enabled
1 Spread Spectrum disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com