Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 93 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 89Page - STMicroelectronics L9680 Datasheet HTML 90Page - STMicroelectronics L9680 Datasheet HTML 91Page - STMicroelectronics L9680 Datasheet HTML 92Page - STMicroelectronics L9680 Datasheet HTML 93Page - STMicroelectronics L9680 Datasheet HTML 94Page - STMicroelectronics L9680 Datasheet HTML 95Page - STMicroelectronics L9680 Datasheet HTML 96Page - STMicroelectronics L9680 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 277 page
background image
DocID029257 Rev 1
93/277
L9680
SPI interfaces
276
7.3.20
Scrap seed read command register (SCRAP_SEED)
ID:
2E
Type:
R
Read:
-
Write:
2E00
MAIN_SS_DIS
0
-
-
Main oscillator Spread Spectrum disable
Updated by POR or SPI write
0 Spread Spectrum enabled
1 Spread Spectrum disabled
ERBST_F_SEL[1:0]
00
-
-
ER Boost switching frequency select
Updated by POR or SPI write
00 1.88 MHz
01 2.13 MHz
10 2.00 MHz
11 2.00 MHz
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
MISO
0
0
0
0
0
0
0
0
0
0
0
0
SEED[7:0]
N/A N/A N/A
SEED[7:0] $00 $00 $00 Random scrap seed value - generated from a free-running 8-bit counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com