Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 81 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 77Page - STMicroelectronics L9680 Datasheet HTML 78Page - STMicroelectronics L9680 Datasheet HTML 79Page - STMicroelectronics L9680 Datasheet HTML 80Page - STMicroelectronics L9680 Datasheet HTML 81Page - STMicroelectronics L9680 Datasheet HTML 82Page - STMicroelectronics L9680 Datasheet HTML 83Page - STMicroelectronics L9680 Datasheet HTML 84Page - STMicroelectronics L9680 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 277 page
background image
DocID029257 Rev 1
81/277
L9680
SPI interfaces
276
1000 (DCR_A)
1100 (DCR_B)
Write:
000C (DCR_0)
000E (DCR_1)
0010 (DCR_2)
0012 (DCR_3)
0014 (DCR_4)
0016 (DCR_5)
0018 (DCR_6)
001A (DCR_7)
001C (DCR_8)
001E (DCR_9)
0020 (DCR_A)
0022 (DCR_B)
Deploy_Time[5:0] 0000
00
0000
00
0000
00
Default deployment time = 0 us (no deployment, 8 us pulse output on ARM1
pin during PULSE TEST)
Deployment time: actual deployment time (ms) = Deploy_Time*0.064ms
(0.064ms/count up to 4.032ms max)
Dep_Current[1:0]
00
00
00 Deployment Current limit select
Updated by SSM_RESET or SPI write while in DIAG state
00 Unused (no deploy)
01 1.75A min
10 1.2A min
11 Unused (no deploy)
Dep_expire_time[1:0]
00
00
00 Deploy command expiration timer select
Updated by SSM_RESET or SPI write while in DIAG state
00 500ms
01 250ms
10 125ms
11 0ms
PD_CURR_CSR
000
Pull down current control for Commmon SR connection
Updated by SSM_RESET or SPI write
0 PD Current OFF only for channel selected for diagnostic measurement,
ON for all other channel
1 PD Current OFF for both channels of the channel pair selected for
diagnostic measurement, ON for all other channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com