Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 106 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 102Page - STMicroelectronics L9680 Datasheet HTML 103Page - STMicroelectronics L9680 Datasheet HTML 104Page - STMicroelectronics L9680 Datasheet HTML 105Page - STMicroelectronics L9680 Datasheet HTML 106Page - STMicroelectronics L9680 Datasheet HTML 107Page - STMicroelectronics L9680 Datasheet HTML 108Page - STMicroelectronics L9680 Datasheet HTML 109Page - STMicroelectronics L9680 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 277 page
background image
SPI interfaces
L9680
106/277
DocID029257 Rev 1
7.3.32
DC sensor diagnostic configuration command register (SWCTRL)
ID:
39
Type:
RW
Read:
3900
Write:
0072
0 SRx
1 SFx
LOOP_DIAG_CHSEL[3:0] 0000 0000 0000 Channel select - selects the channel and muxes for all squib diagnostic.
Updated by SSM_RESET or SPI write
0000 Channel 0
0001 Channel 1
0010 Channel 2
0011 Channel 3
0100 Channel 4
0101 Channel 5
0110 Channel 6
0111 Channel 7
1000 Channel 8
1001 Channel 9
1010 Channel A
1011 Channel B
1100 - 1111 None Selected
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-X
X
X
X
X
X
X
X
X
CHID[3:0]
MISO
0
000
0
0
0
0
0
0
0
0
0
CHID[3:0]
PSINHPOL
0
0
0 Selector of in range/ out of range for passenger inhibit function
0 if result is inside thresholds the counter is initialized to start value
1 if result is outside thresholds the counter is initialized to start value
DCS_PDCURR
0
0
0 Disable of all pull down current for DC sensor
Updated by SSM_RESET or SPI write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com