Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 119 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 115Page - STMicroelectronics L9680 Datasheet HTML 116Page - STMicroelectronics L9680 Datasheet HTML 117Page - STMicroelectronics L9680 Datasheet HTML 118Page - STMicroelectronics L9680 Datasheet HTML 119Page - STMicroelectronics L9680 Datasheet HTML 120Page - STMicroelectronics L9680 Datasheet HTML 121Page - STMicroelectronics L9680 Datasheet HTML 122Page - STMicroelectronics L9680 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 277 page
background image
DocID029257 Rev 1
119/277
L9680
SPI interfaces
276
7.3.39
PSI5/WSS configuration register for channel x (RSCRx)
PSI5/WSS configuration register for channel 0 (RSCR0)
PSI5/WSS configuration register for channel 1 (RSCR1
PSI5/WSS configuration register for channel 2 (RSCR2)
PSI5/WSS configuration register for channel 3 (RSCR3
ID:
4A (RSCR0)
4B (RSCR1)
4C (RSCR2)
4D (RSCR3)
Type:
RW
Read:
4A00 (RSCR0)
4B00 (RSCR1)
4C00 (RSCR2)
4D00 (RSCR3)
Write:
0094 (RSCR0)
0096 (RSCR1)
0098 (RSCR2)
009B (RSCR3)
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
WSFILT[3:0]
MISO
0
000
WSFILT[3:0]
PSI5 configured channel
REDUCED_RANGE
0
0
0 Tracking speed of base and delta current
0 Fast tracking of Ibase if rx_sat_pre_filt is low; Slow tracking otherwise.
Fast tracking of Idelta if rx_sat_pre_filt is high; Blocked otherwise.
1 Fast tracking of Ibase if current is less than (Ibase+(Idelta/4));
Slow tracking otherwise.
Fast tracking of Idelta if current is higher than (top current -(Idelta/4));
Slow otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com