Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 128 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 124Page - STMicroelectronics L9680 Datasheet HTML 125Page - STMicroelectronics L9680 Datasheet HTML 126Page - STMicroelectronics L9680 Datasheet HTML 127Page - STMicroelectronics L9680 Datasheet HTML 128Page - STMicroelectronics L9680 Datasheet HTML 129Page - STMicroelectronics L9680 Datasheet HTML 130Page - STMicroelectronics L9680 Datasheet HTML 131Page - STMicroelectronics L9680 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 277 page
background image
SPI interfaces
L9680
128/277
DocID029257 Rev 1
7.3.46
ARMx enable pulse stretch timer status (AEPSTS_ARMx)
ARM1 enable pulse stretch timer status (AEPSTS_ARM1)
ARM2 enable pulse stretch timer status (AEPSTS_ARM2)
ARM3 enable pulse stretch timer status (AEPSTS_ARM3)
ARM4 enable pulse stretch timer status (AEPSTS_ARM4)
ID:
73 (AEPSTS_ARM1)
74 (AEPSTS_ARM2)
75 (AEPSTS_ARM3)
76 (AEPSTS_ARM4)
Type:
R
Read:
7300 (AEPSTS_ARM1)
7400 (AEPSTS_ARM2)
7500 (AEPSTS_ARM3)
7600 (AEPSTS_ARM4)
Write:
-
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
MISO
0
0
0
0
0
0
0
0
0
0
Timer Count[9:0]
Timer Count $000 $000 $000 10-bit ARMing Enable Pulse Stretcher timer value
Cleared by SSM_RESET
Loaded with initial value based on ARMx bit and DWELL[1:0] of
SAF_CONTROL_y while safing is met for record y provided current value is <
DWELL[1:0] value
Decremented every 2ms while > 0
Contains remaining pulse stretcher timer value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com