Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 167 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 167 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 163Page - STMicroelectronics L9680 Datasheet HTML 164Page - STMicroelectronics L9680 Datasheet HTML 165Page - STMicroelectronics L9680 Datasheet HTML 166Page - STMicroelectronics L9680 Datasheet HTML 167Page - STMicroelectronics L9680 Datasheet HTML 168Page - STMicroelectronics L9680 Datasheet HTML 169Page - STMicroelectronics L9680 Datasheet HTML 170Page - STMicroelectronics L9680 Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 277 page
background image
DocID029257 Rev 1
167/277
L9680
Deployment drivers
276
connected to the selected SFx pin. The Isink current limited switch (ISNK) is turned off, as
well as the pull-down current generator. If the VRCM block works properly, the short to
battery flag would be asserted.
Then, the Isink current limited switch (ISNK) is connected to SRx pin, the Voltage Regulator
Current Monitor block (VRCM) is enabled and connected to the selected SRx pin. The
Isource current generator (ISRC) is turned off, as well as the pull-down current generator. If
the VRCM block works properly, the short to ground flag would be asserted.
Figure 34. SRx pull-down enable logic
Once the VRCM block is validated, the real leakage tests can be performed. ISRC and
ISNK currents have to be kept switched off. The VRCM shall be connected to the desired
pin (either SFx or SRx pins); by doing this, also the pull-down current on the selected SRx
pin is automatically deactivated). During the test, if no leakage is present the voltage on the
selected SFx or SRx pin will be forced by the VRCM to the VREF level and no current is
detected or sourced by the VRCM. If there is leakage to ground or battery, the VRCM will
sink or source current trying to maintain VREF. Two current comparators, ISTB and ISTG,
will detect the abnormal current flow and the relative flags will be given in the LPDIAGSTAT.
These flags are not latched and report the real time status of the relevant comparators in
case of low-level leakage diagnostic test. Voltage conversion is not required to have these
flags updated. In LPDIAGSTAT register are also reported the channel and the pin (SFx or
SRx) under test, respectively with LEAK_CHSEL and SQP bit fields.
The pull-down currents on the other SRx pins are still active. Therefore, the leakage test
that would show a leakage to ground may be depending on a real leakage on the pin under
test or on a short between loops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com