Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 177 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 177 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 173Page - STMicroelectronics L9680 Datasheet HTML 174Page - STMicroelectronics L9680 Datasheet HTML 175Page - STMicroelectronics L9680 Datasheet HTML 176Page - STMicroelectronics L9680 Datasheet HTML 177Page - STMicroelectronics L9680 Datasheet HTML 178Page - STMicroelectronics L9680 Datasheet HTML 179Page - STMicroelectronics L9680 Datasheet HTML 180Page - STMicroelectronics L9680 Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 277 page
background image
DocID029257 Rev 1
177/277
L9680
Remote sensor interface
276
The message bits are encoded using a Manchester format, in which logic values are
determined by a current transition in the middle of the bit time. When configured for PIS5
sensors each interface supports Manchester 2 encoding as shown in Figure 40. When
configured for VDA sensors the protocol supported is Manchester 1.
Figure 40. Manchester bit encoding
The sensor input filter time, deglitch filter, (delay until a threshold crossing is detected) can
be configured in 15 steps. Filters can be selected individually for each channel, through the
Remote Sensor Configuration Register, WSFILT bits
The received message data are stored in input data registers that are read out by the
microcontroller via the SPI interface. For PSI5, three data registers per channel are used to
store remote sensor messages received during timeslots 1, 2, and 3 respectively. Each
register is updated after a certain delay (TWRITE_EN_DELAY ) from the end of relative
sensor message. All the bits inside the registers itself are simultaneously updated upon
reception of the remote sensor message to prevent partial frame data from being sampled
via the SPI interface. After the data for a given channel is read via the SPI interface,
subsequent requests for data from this channel will result in an error response.
To allow for sampling synchronization of remote sensor data with the software in the
microcontroller, the Remote sensor Interface block includes sync-pulse circuitry to signal
initiation of sampling in the remote sensor. The sync-pulse is output to the remote sensors in
the form of an increased voltage level on the RSUx pins when sampling is to be conducted.
The higher voltage level required for the sync-pulse is sourced from the SYNCBOOST
boost regulator. Pulse shaping is used to limit the slew rate of the pulses to reduce EMI.
Feedback protection is provided to prevent fault conditions on one channel from affecting
the others during sync-pulse generation. The microcontroller schedules the activation of the
sync pulses to the four channels by providing a periodic signal to the SATSYNC pin. When a
rising edge is detected on SATSYNC pin, the Remote sensor Interface block outputs sync
pulses on channels RSU0-RSU3 in sequence to reduce the average current inrush to the
remote sensors as shown in Figure 41. The voltage source in the Remote Sensor Interface
block can source and sink current and is used to discharge the bus capacitance at the end
of the sync pulse. The pull down device used to sink current is current limited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com