Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 194 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 194 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 190Page - STMicroelectronics L9680 Datasheet HTML 191Page - STMicroelectronics L9680 Datasheet HTML 192Page - STMicroelectronics L9680 Datasheet HTML 193Page - STMicroelectronics L9680 Datasheet HTML 194Page - STMicroelectronics L9680 Datasheet HTML 195Page - STMicroelectronics L9680 Datasheet HTML 196Page - STMicroelectronics L9680 Datasheet HTML 197Page - STMicroelectronics L9680 Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 277 page
background image
DC sensor interface
L9680
194/277
DocID029257 Rev 1
Each output is protected against
Overload conditions by current limit
Ground offset between the ECU and the loads of up to ±1 V.
Loss of ECU battery
Loss of ground
Unpowered shorts to battery
Shorts to ground
11.1
Passenger inhibit interface
L9680 provides a feature to deactivate passenger restraint devices based on a
preprogrammed mask. It generates a signal (PSINHINT) based on microcontroller-initiated
measurements performed on DC Sensor channel 0. The PSINHINT signal is bitwise AND-
ed with the LOOP_MATRIX_PSINH mask register, allowing selective deactivation of squib
loops independent of microcontroller control. This signal is also inverted and output on the
PSINHB pin of the IC to activate externally controlled squib loops.
Figure 49. Passenger inhibit logic diagram
An upper and lower threshold is preprogrammed via SPI by writing the desired 10-bits
values into the PADTHRESH_HI and PADTHRESH_LO registers during the Diag state.
These thresholds define the measurement window where the passenger restraints are
active. Any measurement outside this window will result in the assertion of the PSINHINT
signal (as described below), thereby deactivating the squib loops identified in the PSINH
mask. The PSINH mask is also preprogrammed during the Diag state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com