Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 203 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 203 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 199Page - STMicroelectronics L9680 Datasheet HTML 200Page - STMicroelectronics L9680 Datasheet HTML 201Page - STMicroelectronics L9680 Datasheet HTML 202Page - STMicroelectronics L9680 Datasheet HTML 203Page - STMicroelectronics L9680 Datasheet HTML 204Page - STMicroelectronics L9680 Datasheet HTML 205Page - STMicroelectronics L9680 Datasheet HTML 206Page - STMicroelectronics L9680 Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 277 page
background image
DocID029257 Rev 1
203/277
L9680
Safing logic
276
Each safing record has SPI accessible registers defined in the SPI command tables and
summarized below:
Request Mask and Request Target - to understand what sensor the microcontroller is
addressing
Response Mask and Response Target - to identify the sensor response
Data Mask - to extract relevant sensor data from the response.
–
Sensor data is extracted as a bit-wise AND result of the SAF_DATA_MASKx and
monitored RS_MISO data. The configuration of the set bits of the DATAMASK
must be contiguous for both 16-bit and 32-bit records. The 32-bit records are
comprised of Part1 as MSW and Part2 as LSW.
–
The extracted data is then right justified into a 16/32 bit register for 16/32 bit safing
records, respectively, prior to further processing steps which assume data is
signed should be "using two's complement representation".
Safing Threshold - specific value that sets the comparator limit for successful arming
Control:
–
IF, In Frame - to indicate serial data response is ‘in frame’. There are two types of
potential serial data responses, ‘in frame’ and ‘out of frame’.
–
CS - to align safing record with a specific SPI CS. The device contains 5 SPI CS
inputs for the safing function (CS_RS, SAF_CSx)
–
ARM - there are four internal arming signals, each active record is assigned or
mapped to any arming signal. Several safing records can be mapped to a single
arming output. ARMx outputs can be enabled also simultaneously.
–
Dwell - Once an arming condition is detected, the safing record remains armed for
the specified dwell time.
–
Comb (Combined Data) - specific solution for dual axis high-g sensors specifically
oriented off-axis.
–
LimEn (Limit Enable) - to enable PSI5 out-of-range control.
–
LimSel (Limit Select) - to select PSI5 out-of-range thresholds between 8-bit and
10-bit protocol.
–
SPIFLDSEL (SPI Field Select) - to determine which 16-bit field in long SPI
messages (>31 bit) to use for response on MISO of SPI monitor. Don't care for
messages less than 32 bits.
If input packet matches multiple safing records, the safing engine should process all of them
and treat them independently.
Safing record can only be evaluated on the first matching input packet. Any further data
packet matches are ignored (i.e. once CC is set, record can't be processed until CC is
cleared)
The En (Record Enable) bit for any record is programmable as on or off at any time and will
enable/disable the record itself upon the following SATSYNC.
All CC bits are available in one register (SAF_CC) for access in one single SPI read. After
ARMing is achieved and CC is set, no further messages are considered until CC is cleared
via read.
Safing Engine must not process sensor data in any state but Safing state (refer to
Figure 10).
All safing records are cleared on SSM RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com