Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 230 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 230 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 226Page - STMicroelectronics L9680 Datasheet HTML 227Page - STMicroelectronics L9680 Datasheet HTML 228Page - STMicroelectronics L9680 Datasheet HTML 229Page - STMicroelectronics L9680 Datasheet HTML 230Page - STMicroelectronics L9680 Datasheet HTML 231Page - STMicroelectronics L9680 Datasheet HTML 232Page - STMicroelectronics L9680 Datasheet HTML 233Page - STMicroelectronics L9680 Datasheet HTML 234Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 277 page
background image
Electrical characteristics
L9680
230/277
DocID029257 Rev 1
16.3
Internal regulators
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C
 Ta  +95 °C, VIN
GOOD0  VIN  35 V
Table 25. Internal regulator DC specifications
No
Symbol
Parameter
Condition
Min
Typ Max Unit
1VOUT_VINT3V3 VINT3V3 output voltage
Vin = 5.5 V, 12 V and 35 V
3.14
3.3
3.46
V
2VOV_VINT3V3
VINT3V3 over voltage
-
3.47
-
3.7
V
3VUV_VINT3V3
VINT3V3 under voltage
-
2.97
-
3.13
V
4VOUT_CVDD
CVDD output voltage
-
3.14
3.3
3.46
V
5IOUT_CVDD
CVDD current capability
External load is not allowed
-
-
50
mA
6ILIM_CVDD
CVDD current limit
-
80
-
-
mA
7VOV_CVDD
CVDD over voltage
-
3.47
-
3.7
V
8VUV_CVDD
CVDD under voltage
-
2.7
-
2.9
V
9CCVDD
CVDD output capacitance
Design info
60
100
140
nF
Table 26. Internal regulators AC specifications
No
Symbol
Parameter
Comment
Min
Typ
Max Unit
1TFLT_ VINT_CVDD_OV
Internal regulator over
voltage deglitch filter time
-7
11
16
μs
2TFLT_VINT_CVDD_UV
Internal regulator under
voltage deglitch filter time
-7
11
16
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com