Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 235 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 235 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 231Page - STMicroelectronics L9680 Datasheet HTML 232Page - STMicroelectronics L9680 Datasheet HTML 233Page - STMicroelectronics L9680 Datasheet HTML 234Page - STMicroelectronics L9680 Datasheet HTML 235Page - STMicroelectronics L9680 Datasheet HTML 236Page - STMicroelectronics L9680 Datasheet HTML 237Page - STMicroelectronics L9680 Datasheet HTML 238Page - STMicroelectronics L9680 Datasheet HTML 239Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 277 page
background image
DocID029257 Rev 1
235/277
L9680
Electrical characteristics
276
Note:
All timing is shown with respect to 10% and 90% of the actual delivered VCC voltage.
Figure 70. SPI timing diagram
Table 34. SPI AC specifications
No
Symbol
Parameter
Comments / Conditions
Min
Typ Max Unit
1FSCLK
SPI transfer frequency
-
-
8
8.08 MHz
2TSCLK
SCLK_x period
-
123.8
-
-
ns
3TLEAD
Enable lead time
-
250
-
-
ns
4TLAG
Enable lag time
-
50
-
-
ns
5THIGH_SCLK
SCLK_x high time
-
40
-
-
ns
6TLOW_SCLK
SCLK_x low time
-
40
-
-
ns
7TSETUP_MOSI MOSI_x input setup time
-
20
-
-
ns
8THOLD_MOSI
MOSI_x input hold time
-
20
-
-
ns
9TACC_MISO
MISO_x access time
80 pF load
-
-
60
ns
10
TDIS_MISO
MISO_x disable time
-
-
100
ns
11
TVALID_MISO
MISO_x output valid time
-
-
30
ns
12
THOLD_MISO
MISO_x Output Hold Time
80 pF load; Design Info
0
-
-
ns
13
TNODATA
SCLK_x hold time
-
20
-
-
ns
14
TFLT_CS
CS_x noise glitch rejection time -
50
-
300
ns
15
TNODATA
SPI interframe time
-
400
-
-
ns
16 TSETUP_MISO_RS MISO_RS Input Setup Time
-
20
-
-
ns
17 THOLD_MISO_RS MISO_RS Input Hold Time
-
20
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com