Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670EBZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 24Page - Analog Devices AD9670EBZ Datasheet HTML 25Page - Analog Devices AD9670EBZ Datasheet HTML 26Page - Analog Devices AD9670EBZ Datasheet HTML 27Page - Analog Devices AD9670EBZ Datasheet HTML 28Page - Analog Devices AD9670EBZ Datasheet HTML 29Page - Analog Devices AD9670EBZ Datasheet HTML 30Page - Analog Devices AD9670EBZ Datasheet HTML 31Page - Analog Devices AD9670EBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Data Sheet
AD9674
Rev. A | Page 27 of 47
0.1µF
OPTIONAL
100Ω
0.1µF
0.1µF
CMOS DRIVER
0.1µF
CLK
CLK
*50Ω RESISTOR IS OPTIONAL.
AD9516-x OR AD9524
3.3V
OUT
VFAC3
CLK–
CLK+
ADC
50Ω*
Figure 42. Single-Ended 1.8 V CMOS Sample Clock
Clock Duty Cycle Considerations
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals. As a result, these ADCs can be
sensitive to the clock duty cycle. Commonly, a 5% tolerance is
required on the clock duty cycle to maintain dynamic performance
characteristics. The AD9674 contains a duty cycle stabilizer (DCS)
that retimes the nonsampling edge, providing an internal clock
signal with a nominal 50% duty cycle. This feature allows a wide
range of clock input duty cycles without affecting the performance
of the AD9674. When the DCS is on, noise and distortion
performance are nearly flat for a wide range of duty cycles.
However, some applications may require the DCS function to
be off. When the DCS function is off, the dynamic range
performance can be affected.
The duty cycle stabilizer uses a delay-locked loop (DLL) to create
the nonsampling edge. As a result, any changes to the sampling
frequency require approximately eight clock cycles to allow the
DLL to acquire and lock to the new rate.
Clock Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of the
clock input. The degradation in SNR at a given input frequency (fA)
due only to aperture jitter (tJ) can be calculated as follows:
SNR Degradation = 20 × log 10(1/2 × π × fA × tJ)
(7)
In Equation 7, the rms aperture jitter represents the root mean
square of all jitter sources, including the clock input, analog
input signal, and ADC aperture jitter (see Figure 43).
Treat the clock input as an analog signal when aperture jitter may
affect the dynamic range of the AD9674. Separate power supplies
for clock drivers from the ADC output driver supplies to avoid
modulating the clock signal with digital noise. Low jitter, crystal
controlled oscillators, such as the Valpey Fisher VFAC3 series,
make the best clock sources. When the clock is generated from
another type of source (by gating, dividing, or other methods),
retime it by the original clock during the last step.
For more information on how jitter performance relates to ADCs,
refer to the AN-501 Application Note and AN-756 Application Note.
1
10
100
1000
16 BITS
14 BITS
12 BITS
30
40
50
60
70
80
90
100
110
120
130
0.125ps
0.5ps
1.0ps
2.0ps
ANALOG INPUT FREQUENCY (MHz)
10 BITS
8 BITS
RMS CLOCK JITTER REQUIREMENT
0.25ps
Figure 43. Ideal SNR vs. Analog Input Frequency and Jitter
Power Dissipation and Power-Down Mode
The power dissipated by the AD9674 is proportional to its sample
rate. The digital power dissipation does not vary significantly
because it is determined primarily by the DRVDD supply and
the bias current of the LVDS output drivers. The AD9674 features
scalable LNA bias currents (see Table 25, Address 0x012). The
default LNA bias current settings are midhigh.
By asserting the PDWN pin high, the AD9674 is placed into
power-down mode. In this state, the device dissipates at a
maximum of 30 mW. During power-down, the LVDS output
drivers are placed into a high impedance state. The AD9674
returns to normal operating mode when the PDWN pin is pulled
low. This pin is only 1.8 V tolerant. To drive the PDWN pin from a
3.3 V logic level, insert a 1 kΩ resistor in series with this pin to
limit the current.
By asserting the STBY pin high, the AD9674 is placed in standby
mode. In this state, the device typically dissipates 630 mW. During
standby, the entire device, except the internal references, powers
down. The LVDS output drivers are placed into a high impedance
state. This mode is well suited for applications that require power
savings because it allows the device to be powered down when
not in use and then to be quickly powered up. In addition, the
time to power up the device is greatly reduced. The AD9674
returns to normal operating mode when the STBY pin is pulled
low. This pin is only 1.8 V tolerant. To drive the STBY pin from
a 3.3 V logic level, insert a 1 kΩ resistor in series with this pin to
limit the current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com