Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670EBZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 40Page - Analog Devices AD9670EBZ Datasheet HTML 41Page - Analog Devices AD9670EBZ Datasheet HTML 42Page - Analog Devices AD9670EBZ Datasheet HTML 43Page - Analog Devices AD9670EBZ Datasheet HTML 44Page - Analog Devices AD9670EBZ Datasheet HTML 45Page - Analog Devices AD9670EBZ Datasheet HTML 46Page - Analog Devices AD9670EBZ Datasheet HTML 47Page - Analog Devices AD9670EBZ Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
AD9674
Data Sheet
Rev. A | Page 44 of 47
Addr.
(Hex) RegisterName
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value Comments
0x110 DIG_OFFSET_
CORR1
D7
D6
D5
D4
D3
D2
D1
D0
0x00
Offset correction LSB
(local, chip).
0x111 DIG_OFFSET_
CORR2
D15
D14
D13
D12
D11
D10
D9
D8
0x00
Offset correction MSB
(local, chip).
Digital offset calibration (read back if auto calibration enabled with Register 0x10F.
Otherwise, force correction value.)
Offset correction = [D15:D0] × AFULL-SCALE/216,
0111 1111 1111 1111 (215 − 1) = +1/2 × AFULL-SCALE − 1/216 × AFULL-SCALE,
0111 1111 1111 1110 (215 − 2) = +1/2 × AFULL-SCALE − 2/216 × AFULL-SCALE,
…,
0000 0000 0000 0001 (+1) = 1/216 × AFULL-SCALE,
0000 0000 0000 0000 = no correction (default),
1111 1111 1111 1111 (−1) = −1/216 × AFULL-SCALE,
…,
1000 0000 0000 0000 (−215) = −1/2 AFULL-SCALE
0x112 POWER_
MASK_CONFIG
X
X
X
Power-up setup time (POWER_SETUP):
0 0000 = 0,
0 0001 = 1 × 40/fSAMPLE,
0 0010 = 2 × 40/fSAMPLE (default),
0 0011 = 3 × 40/fSAMPLE,
…,
1 1111 = 31 × 40/fSAMPLE
0x02
Power setup time used to
set the power-up time
(global).
0x113 DIG_CONFIG
X
X
Digital
high-pass
filter:
0=enable
(default),
1 = bypass
0
Decimator and
filter enable:
00 = RF 2× decimator
bypassed (default),
01 = RF 2× decimator
enabled and low
band filter,
1X = RF 2× decimator
enabled and high band
filter,
X
X
0x00
Enables stages of the
digital processing (global).
0x115 CHIP_ADDR_EN
X
X
Chip
address
mode:
0=disable
(default),
1=enable
Chip address qualifier:
0 0000 (default), if read, returns state of
Pin ADDR4 to Pin ADDR0
0x00
Chip address mode
enables the addressing of
specific devices if the value
of Bits[4:0] qualifier equals
the state on the ADDR4 to
ADDR0 pins (global).
0x116 ANALOG_
TEST_TONE
X
X
X
X
Analog test signal
amplitude
(see Table 17 to
Table 19)
Analog test signal
frequency:
00 = fSAMPLE/4 (default),
01 = fSAMPLE/8,
10 = fSAMPLE/16,
11 = fSAMPLE/32
0x00
Analog test tone
amplitude and frequency
(global).
0x117 DIG_SINE_
TEST_FREQ
X
X
X
Digital test tone frequency:
0 0000 = 1 × fSAMPLE/64,
0 0001 = 2 × fSAMPLE/64,
…,
1 1111 = 32 × fSAMPLE/64
0x00
Digital sine test tone
frequency (global).
0x118 DIG_SINE_
TEST_AMP
X
X
X
X
Digital test tone amplitude:
0000 = AFULL-SCALE (default),
0001 = AFULL-SCALE/2,
0010 = AFULL-SCALE/22,
…,
1111 = AFULL-SCALE/215
0x00
Digital sine test tone
amplitude (global).
0x119 DIG_SINE_
TEST_OFFSET
Offset multiplier (a):
0 1111 = 15,
0 1110 = 14,
…,
0 0000 = 0 (default),
1 1111 = −1,
…,
1 0000 = −16
Offset exponent (b):
000 = 0 (default),
001 = 1,
…,
111 = 7
0x00
Digital sine test tone offset
(global).
Offset = AFULL-SCALE × a × 2−(13−b), offset range is ~0.5 dB,
maximum positive offset = 15 × 2−(13−7) = 0.25 × AFULL-SCALE,
maximum negative offset = –16 × 2−(13−7) ≈ −0.25 × AFULL-SCALE
0x11A TEST_MODE_
CH_ENABLE
Channel H enable:
0 = off (default),
1 = on
ChannelG
enable:
0 = off
(default),
1 = on
Channel F
enable:
0 = off
(default),
1 = on
Channel E
enable:
0 = off
(default),
1 = on
ChannelD
enable:
0 = off
(default),
1 = on
ChannelC
enable:
0 = off
(default),
1 = on
ChannelB
enable:
0 = off
(default),
1 = on
ChannelA
enable:
0 = off
(default),
1 = on
0x00
Enables channels for test
mode (global).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com